Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS110 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # LS110
Description  Supports RS232 based serial devices via its DB9 serial port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LS110 Datasheet(HTML) 2 Page - DB Lectro Inc

  LS110 Datasheet HTML 1Page - DB Lectro Inc LS110 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax: +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax: +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
Ordering Information
www.sena.com
Serial Device Server,
HelloDevice Lite Series,
LS100/LS110
Specifications
Serial Interface
- Male DB9 serial port
- Serial speed 1200bps to 115Kbps
- Flow Control : Hardware
- Signals
· LS100
- RS232 : Rx, Tx, RTS, CTS, DTR, DSR, GND
· LS110
- RS232 : RS232 : Rx, Tx, RTS, CTS, DTR, DSR, GND, DCD
Network Interfaces
- 10Base-T Ethernet
Protocols
- LS100 : ARP, IP/ICMP, TCP/IP, Telnet, DHCP client, PPPoE
- LS110 : ARP, IP/ICMP, TCP/IP, Telnet, DHCP client, DNS
Security
- User ID & Password
- IP Address filtering ( LS110 only)
Management
- Serial console port
- Telnet
- HelloDevice Manager software,
O/S support : Windows 98/Me/NT/2000/XP
Diagnostic LED
- Ready
- Link and Act for Ethernet
- Serial Rx/Tx
- Power
Power
- 7.5 ~ 15VDC, 300mA 7.5V
Environmental
- Operating temperature : 0˚C ~ 50˚C
- Storage temperature : -20˚C ~ 66˚C
- Humidity : 90% Non-condensing
Physical properties
- Dimension (L x W x H) and Weight
· 100 x 72 x 25 (mm), 3.9 x 2.8 x 1.0 (in.), 240g
Certification
- FCC (A), CE, MIC
Warranty
- 5-year limited warranty
LS100
HelloDevice Lite 100 single-port serial device server
LS110
HelloDevice Lite 110 single-port serial device server
Includes
- Quick Start Guide
- External 110V or 230V power supply
- Serial data cable
- CD-ROM
Optional Accessories
- DIN-Rail mount kit
For more information, please visit us at http://www.sena.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com