Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEMO10 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NEMO10
Description  Single-chip DIL type network enabler for on-board installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NEMO10 Datasheet(HTML) 2 Page - DB Lectro Inc

  NEMO10 Datasheet HTML 1Page - DB Lectro Inc NEMO10 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Device Server with built-in UART,
NEMO
10
Hardware
- 8-bit microprocessor
- 32KB SRAM, 64KB EEPROM
External Interface pins
- 24-pin Dual In Line Interface for UART,
Ethernet, LED and Power
Serial Interface
- Built-in UART
- Serial speeds 1200bps to 115Kbps
- Flow Control : Hardware RTS/CTS
- Signals : Rx, Tx, RTS, CTS, DTR, DSR,
GND
- Parameters
· Parity : None, Even, Odd
· Data Bits : 7, 8
· Stop Bits : 1, 2
Network Interfaces
- 10 Base-T Ethernet
- Supports static and dynamic IP address
Protocols
- ARP, IP/ICMP, TCP server and client,
Telnet, DHCP client, PPPoE
Security
- User ID & Password
Management
- Telnet or HelloDeviceTM Manager or
Serial Console
Power
- 5V DC±10%, 60mA@5VDC
Environmental
- Operating temperature : 0˚C ~ 50˚C
- Storage temperature : -20˚C ~ 66˚C
- Humidity : 90% Non-condensing
Physical properties
- Dimension (L x W x H)
45 x 45 x 18.5 (mm)
1.8 x 1.8 x 0.7 (in.)
- Weight : 20g
Warranty
- 1-year limited warranty
The NEMO10 Starter Kit includes the
evaluation board with the sample circuitry for
the NEMO10 interface,power,Ethernet, LED,
switches for user device development.
NEMO10 Starter Kit
NEMO10
10Base-T serial device server module
NEMO10-SK
Starter kit for the NEMO10
Includes
- NEMO10 module
- Demo board
- External 110V or 230V power supply
- Serial console/data cable
- CD-ROM
For more information, please visit us at http://www.sena.com
Ordering Information
Specifications
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1 (408) 907-3738
Toll Free (US/Canada) : 1-8668-US-SENA (1-866-887-
7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax : +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
www.sena.com
SW4 : Power Switch
Power Input
10MBps Ethernet
SW3: Data/Console
Switch
LEDs
RS232
SW1: Reset
SW2: Factory Reset
1
12
13
24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com