Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI820 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI820
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI820 Datasheet(HTML) 2 Page - General Semiconductor

  GI820 Datasheet HTML 1Page - General Semiconductor GI820 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
020
40
60
80
100
0.01
0.1
1
10
20
40
60
80
100
120
140
160
180
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
75
85
95
105 115 125 135 145 155 165 175
0
4.0
8.0
12
16
20
110
100
100
150
200
250
300
350
400
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5.0
10
15
20
25
0.60.8
1.01.2
1.41.6
1.8
2.0
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES GI820 THRU GI828
FIG.1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 3 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 2 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
CAPACITIVE LOADS
5.0
I(pk)
10
I(AV)
20
Ipk/IAV=
π
L=0.12”(3.2mm)
TA=25°C
RESISTIVE OR INDUCTIVE LOAD
L=0.25”(6.3mm)
L=0.375”(9.5mm)
L=0.62”(15.9mm)
1.6” x 1.6” x 0.04”
(40mm x 40mm x 1mm)
COPPER HEATSINK
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
TJ=125°C
TJ=50°C
TJ=100°C
FIG. 6 - TYPICAL THERMAL RESISTANCE
EQUAL LEAD LENGTHS TO HEAT SINK, INCHES
L= LEAD LENGTH
L= LEAD LENGTH
1.1 x 1.1” (30 x 30mm)
COPPER PADS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com