Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS110W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # PS110W
Description  Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

PS110W Datasheet(HTML) 2 Page - DB Lectro Inc

  PS110W Datasheet HTML 1Page - DB Lectro Inc PS110W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wireless Device Server,
HelloDevice Pro Series,
PS110W/210W
www.sena.com
PS110W HelloDevice Pro110W single-port wireless device server
PS210W HelloDevice Pro210W 2-port wireless device server
Includes
- DC Power Adapter
- Dipole Antenna
- Ethernet straight cable(PS110W : 1EA, PS210W : 2EA)
- RJ45-DB9 female adapter(cross-over)
- RJ45-DB9 male adapter(straight) (PS110W : 1EA, PS210W : 2EA)
- Quick Start Guide
- CD-ROM
Optional Accessories
- DIN-Rail mount kit
- PAT-G01R : 9dBi Patch Antenna with RP-SMA Plug Right hand Thread Default Cable.
(SMA Jack Right hand Thread w/o Default Cable)
- SEC-G01R : 15cm Extension Cable (For SAT-G01R / DAT-G01R / DAT5-G01R)
- RFC-G01R : 1m Extension Cable (For PAT-G01R)
For more information, please visit us at http://www.sena.com
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax: +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax: +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
Specifications
Serial Interface
- Serial speeds 300bps to 230kbps
- RJ45 connector
- Flow Control : H/W and S/W
- Signals : RS232 / Rx, Tx, RTS, CTS, DSR, DTR, DCD, GND
- Surge protector equipped for each serial port : IEC 6100-4-2(ESD)
15kV(air), 8kV(contact)
Network Interface
-
802.11b/g Wi-Fi
-
10/100 Base-T Ethernet with RJ45 Ethernet connector
-
Supports static and dynamic IP address
Protocols
- ARP, IP/ICMP, TCP, UDP
- Telnet/SSH
- DNS, Dynamic DNS, HTTP, SMTP, DHCP
- SNMP v1 & v2, SSL v3
- Serial Port Access protocol : TCP, UDP, SSL v3, RFC-2217
Ethernet modem
-
Full AT command set support
Security
- 64/128-bit WEP, WPA/WPA2
- SSH, SSL, HTTPS
- IP address filtering
- Data Encryption
Management
- Web, Console, Telnet / SSH
- HelloDevice Manager software
O/S support : Windows 98/ME/NT/2000/XP
Logging
- Versatile system logging support for all system events
- Serial port data logging
Firmware
-
Upgrade using console, telnet/SSH and web
Diagnostic LED
- PS110W : Power, Status, Ethernet, Wireless, Serial1
- PS210W : Power, Status, Ethernet, Wireless, Serial1, Serial2
Power
- 5VDC, 0.90A@5VDC
Environmental
-
Operating temperature : 0˚C to 50˚C
-
Storage temperature : -20˚C to 66˚C
-
Humidity : 90% Non-condensing
Physical properties
-
PS110W : 92 x 128 x 26 (mm)
3.62 x 5.04 x 1.02 ( in.) / 390g
-
PS210W : 92 x 128 x 26 (mm)
3.62 x 5.04 x 1.02 ( in.) / 400g
MTBF
-
PS110W : 31.12 years
-
PS210W : 30.42 years
Certification
-
FCC(A), CE(A), Telec
Warranty
-
5-year limited warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com