Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD200L Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SD200L
Description  Provides transparent RS232 serial cable replacement.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SD200L Datasheet(HTML) 2 Page - DB Lectro Inc

  SD200L Datasheet HTML 1Page - DB Lectro Inc SD200L Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth Serial Adapter,
SD100/200
SD100
Parani-SD100 Bluetooth-Serial Adapter-Class1-DIP
SD200
Parani-SD200 Bluetooth-Serial Adapter-Class2-DIP
Single Pack SD100-A1, SD200-A1 Includes ※ Stub antenna NOT included
- Bluetooth-serial adapter : SD100 (for SD100-A1), SD200 (for SD200-A1)
Single Pack SD100-00, SD200-00 Includes
- Bluetooth-serial adapter : SD100 (for SD100-00), SD200 (for SD200-00)
- DPA : Parani-DPA DC power cable for SD series
- UPA : Parani-UPA USB Power Cable
- SAT : Parani-SAT Stub Antenna-SMA Male-Left Handed
- FM9GD : DB9 Female to Male Gender Changer
- CD-ROM
Single Pack SD100-01, SD200-01 Includes
- Single pack SD100-00 (for SD100-01), SD200-00 (for SD200-01)
- OPA : Parani-OPA External Power Adaptor-International - 4 types: EU, America, UK, Australia
10-Unit Bulk Pack SD100-B10, SD200-B10 Includes
- Bluetooth-serial adapter (
×10EA) : SD100 (for SD100-B10), SD200 (for SD200-B10)
- SAT (
×10EA) : Parani-SAT Stub Antenna-SMA Male-Left Handed
- DPA (
×10EA) : Parani-DPA DC power cable for SD series
Optional Accessories
- UPA : Parani-UPA USB Power Cable
- OPA : Parani-OPA External Power Adaptor-International - 4 types: EU, America, UK, Australia
- BPC : Parani-BPC Battery Pack for SD200 only.
- DAT : Parani-DAT Dipole Antenna-SMA Male-Left Handed
- PAT : Parani-PAT Patch Antenna-SMA R/A Female-Right Handed
- RFC : Parani-RFC 1m Antenna Extension Cable for Patch antenna
- SEC : Parani-SEC 15cm Antenna Extension Cable for Stub antenna or Dipole antenna of SD100/200
- FM9GD : DB9 Female to Male Gender Changer
- SLR : SMA-Male left handed to right handed adapter
- CD-ROM
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax : +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
www.sena.com
Specifications
Serial Interface
-
RS232, Female DB9, 1200bps ~ 230Kbps
-
CTS/RTS flow control : Default
-
DTR/DSR for loop-back & full transfer
Bluetooth Interface
-
Parani-SD100
· Bluetooth v1.2
· Class 1
· Level - 18 dBm
· Protocols - RFCOMM, L2CAP, SDP
· Profiles - General Access Profile, Serial Port Profile
· Working distance
Default Antenna - Default Antenna 100 meters
Default Antenna - Dipole Antenna 150 meters
Dipole Antenna - Dipole Antenna 200 meters
Patch Antenna - Dipole Antenna 400 meters
Patch Antenna - Patch Antenna 1,000 meters
-
Parani-SD200
· Bluetooth v1.2
· Class 2
· Level - Max. 4 dBm
· Protocols - RFCOMM, L2CAP, SDP
· Profiles - General Access Profile, Serial Port Profile
· Working distance
Default Antenna - Default Antenna 30 meters
Default Antenna - Dipole Antenna 50 meters
Dipole Antenna - Dipole Antenna 80 meters
Patch Antenna - Dipole Antenna 150 meters
Patch Antenna - Patch Antenna 300 meters
Configuration
-
ParaniWin, Modem AT command set
Firmware Update
-
ParaniUpdater
Diagnostic LED
-
Power
-
Standby
-
Connect
-
RS232-Tx
-
RS232-Rx
Power
-
5~12VDC
-
Nominal current consumption
· SD100 : 100mA @ 5.0VDC approximately
· SD200 : 70mA @ 5.0VDC approximately
-
Common Power supply options
· Power via a standard AC-plug DC-adapter
· Power via USB power cable
· Power via DC power cable
· Power via pin 9 of DB9 connector
· Battery Pack for SD200 only
Battery Usage Time
-
When using battery pack for SD200 :
Typical 1.5V-AA alkaline batteries(2500mAh)
-
Avg. 11hr@9600bps
-
Note : Depending on the batteries and its usage environment
greatly determines how long the Parani product will last for their
application, i.e.battrery storage, battery capacity, battery brand
and so on.
Environmental
-
Operating temperature : -10˚C to 55˚C
-
Storage temperature : -20˚C to 70˚C
-
Humidity : 90% Non-condensing
Physical properties
-
Dimension(L x W x H)
· SD100 - 70 x 30.8 x 16.2(mm)
· SD200 - 75.3 x 30.8 x 16.2(mm)
- Weight : SD100 - 22g / SD200 - 20g
MTBF
-
Parani-SD100 : 121.74 Years
-
Parani-SD200 : 394.4 Years
Certification
-
FCC, CE, TELEC
Warranty
-
3-year limited warranty
For more information,
please visit us at http://www.sena.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com