Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS400 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # STS400
Description  Connects legacy serial devices to 10/100Base-T Ethernet network.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

STS400 Datasheet(HTML) 2 Page - DB Lectro Inc

  STS400 Datasheet HTML 1Page - DB Lectro Inc STS400 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STS400
STS 4-Port Terminal Server with PCMCIA
STS800
STS 8-Port Terminal Server with PCMCIA
STS1600
STS 16-Port Terminal Server with PCMCIA
Includes
- Quick Start Guide
- External 110V (or 230V) power supply or power cord
- Cable kit
- CD-ROM
Optional Accessories
- RJ45-DB9M X adapter bundle (4 units)
- RJ45-DB25F X adapter bundle (4 units)
- RJ45-DB25M X adapter bundle (4 units)
- RJ45-DB25M S adapter bundle (4 units)
- 19" Rack mount kit for STS400/800
For more information, please visit us at http://www.sena.com
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1(408) 907-3738
Toll Free (US/Canada) : 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33(0) 1 53 53 16 29 Fax : +33(0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales&Distribution : sales@sena.com
Technical Support : support@sena.com
Ordering Information
www.sena.com
Secure Terminal Server with PCMCIA,
STS Series,
STS400/800/1600
Specifications
Serial Interface
- Serial speeds 75bps to 230Kbps
- RJ45 connector
- Flow Control : Hardware, Software
- Signals : RS232 Rx, Tx, RTS, CTS, DTR,
DSR, DCD, GND
- Surge protector equipped for each serial port
Network Interfaces
- 10/100 Base-TX Ethernet with RJ45 Ethernet
connector
- Supports static and dynamic IP address
Network Protocols
- ARP, IP/ICMP, DNS, Dynamic DNS
- SMTP with/without Authentication, pop-before
SMTP
- DHCP client, NTP, PPPoE
- TCP, UDP, SSL v2 & v3, TLS v1, RFC-2217
- SSH v1 & v2,Telnet
- HTTP, HTTPS, SNMP v1 & v2
- Serial Port Access protocol :
TCP, UDP, SSL v2 & v3, TLS v1, RFC-2217
PCMCIA
- ATA flash memory card
- 10/100 Base-TX LAN card
- Wireless LAN card
- PSTN modem card
Ethernet modem
- Full support for AT commands
Security
- SSH
- Data Encryption
- IP address filtering
- HTTPS
Management
- Web
- Serial console port
- Telnet or SSH
- HelloDevice Manager software
- O/S support : Windows 98/ME/NT/2000/XP
- System log delivery : email or SYSLOG
server or flash memory card
- Firmware : Stored in Flash memory and
downloadable via serial console or telnet
or web
Diagnostic LED
- Power
- Ready
- 10/100 Base Link, Act
- Serial InUse/Rx/Tx for each serial port
- PC card
Power
- STS400/800 : 5VDC, 1.5A @ 5VDC
- STS1600 : 100~240 VAC, 50/60 Hz, 1.2A
Environmental
- Operating temperature : 0˚C to 50˚C
- Storage temperature : -20˚C to 66˚C
- Humidity : 90% Non-condensing
Physical properties
- STS400/800
245 x 153 x 30 (mm)
9.6 x 6 x 1.2 ( in.)
1.5kg
- STS1600
435 x 186x 43 (mm)
17 x 7.6 x 1.75 ( in.)
2.5 kg
- 19” Rack Mountable
Certification : FCC(A), CE, MIC
Warranty : 5-year limited warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com