Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2004H Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH2004H
Description  LCM DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH2004H Datasheet(HTML) 1 Page - DB Lectro Inc

  WH2004H Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB4
12
14
13
DB6
DB5
Vss
1
E
7
11
10
8
9
DB3
DB2
DB1
DB0
4
6
5
3
2
R/W
RS
Vo
Vdd
PIN NO. SYMBOL
DOT SIZE
SCALE 5/1
DB7
A
15
10.0
P2.54*15=38.1
6.3
70.4(AA)
4.3
74.4(VA)
1.4
80.2
LED B/L
1.6
9.0
13.6MAX
K
16
0.55
0.6
2.95
0.6
4-Ø2.5 PTH
4-Ø5.0 PAD
87.0±0.5
1
16
41.5
38.9
17.0
1
16
Conductor Side
STIFFENER
0.3±0.05
0.3
0.7
17.0
P1.0*15=15.0
1.0
1.0
Contact Side
SCALE 2/1
The non-specified tolerance of dimension is ±0.2mm.
MODEL
DWG NO.
TITLE
WINSTAR DISPLAY CO.
µØ-â¥ú¹qªÑ¥÷¦³--¤½¥q
REV:
SCALE:
1/1
PAGE:
APPROVE
UNIT:
DRAW
CHECK
mm
1/1
A
16-Ø1.0 PTH
16-Ø2.0 PAD
78.0
2.5
2
3
4
6
8
7
Backlight
Viewing Direction
Drive Method
Polarizer Mode
Operating Temperature
Storage Temperature
1/16 DUTY,1/5BIAS
-20°C~70°C
-30°C~80°C
1
Lcd Type
Input Voltage(Module)
5
5.0V
6 O'clock
LED , White
WH2004H-TGH-JW#
LCM DRAWING
T-020582
Molica 06/06/13'
李純銘
06/06/13'
賴國堅
06/06/13'
STN Gray
Transflect/Positive
A


Similar Part No. - WH2004H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH2004A ETC-WH2004A Datasheet
642Kb / 1P
WINSTAR Professional LCD Module Manufacture
logo
DB Lectro Inc
WH2004A DBLECTRO-WH2004A Datasheet
564Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
WH2004G DBLECTRO-WH2004G Datasheet
462Kb / 1P
WH2004G
logo
List of Unclassifed Man...
WH2004L ETC-WH2004L Datasheet
285Kb / 1P
WINSTAR Professional LCD Module Manufacture
More results

Similar Description - WH2004H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC1602A ETC-SMC1602A Datasheet
255Kb / 5P
SMC1602A LCM
LCM-5022 ETC-LCM-5022 Datasheet
82Kb / 1P
LCM-5022
LCM-5122 ETC-LCM-5122 Datasheet
82Kb / 1P
LCM-5122
LCM-5129 ETC-LCM-5129 Datasheet
80Kb / 1P
LCM-5129
logo
Varitronix internationa...
COG-C177MVHA-01 VARITRONIX-COG-C177MVHA-01 Datasheet
117Kb / 1P
LCM Module Specification
COG-T350MHQ-03 VARITRONIX-COG-T350MHQ-03 Datasheet
171Kb / 1P
LCM Module Specification
TLM-T350MPV-01 VARITRONIX-TLM-T350MPV-01 Datasheet
159Kb / 1P
LCM Module Specification
COG-T350MCQV-03 VARITRONIX-COG-T350MCQV-03 Datasheet
238Kb / 1P
LCM SPECIFICATION
PDA320240D-04 VARITRONIX-PDA320240D-04 Datasheet
190Kb / 1P
LCM Module Specification
logo
ILLUMINANT CO., LTD
I2420-6OMN4823A ILLUMINANT-I2420-6OMN4823A Datasheet
751Kb / 28P
PRODUCT SPECIFICATION FOR LCM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com