Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI910 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI910
Description  MEDIUM-SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI910 Datasheet(HTML) 1 Page - General Semiconductor

  GI910 Datasheet HTML 1Page - General Semiconductor GI910 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI910 THRU GI917
MEDIUM-SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High surge current capability
♦ Construction utilizes void-free molded plastic technique
♦ High forward current operation
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375 (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GI910
GI911
GI912
GI914
GI916
GI917
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=90°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
100.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at:
3.0A
1.25
9.4A, TJ=175°C
VF
1.10
Volts
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
300.0
µA
Typical junction capacitance (NOTE 1)
CJ
28.0
pF
Maximum reverse recovery time (NOTE 2)
trr
750
ns
Maximum reverse recovery current
IRM(REC)
2.0
Amps
Typical thermal resistance (NOTE 3)
R
ΘJA
22.0
R
ΘJL
8.0
°C/W
Operating junction and storage temperature range
TJ ,TSTG
-50 to +150
°C
NOTES:
(1) Measured at 1 MHz and applied reverse voltage of 4.0 Volts
(2) Reverse recovery test conditions: IF=1.0A, VR=30V, di/dt=50A/
µs, and Irr=10% IRM for measurement of trr
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length,
both leads equally heat sink
4/98
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
DO-201AD
Dimensions in inches and (millimeters)


Similar Part No. - GI910

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
Medium Switching Plastic Rectifier
10-Nov-09
More results

Similar Description - GI910

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
BY251 PANJIT-BY251_04 Datasheet
59Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
Medium Switching Plastic Rectifier
10-Nov-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com