Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR08-2DN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR08-2DN
Description  Cylindrical Type Proximity Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR08-2DN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR08-2DN Datasheet HTML 1Page - List of Unclassifed Manufacturers PR08-2DN Datasheet HTML 2Page - List of Unclassifed Manufacturers PR08-2DN Datasheet HTML 3Page - List of Unclassifed Manufacturers PR08-2DN Datasheet HTML 4Page - List of Unclassifed Manufacturers PR08-2DN Datasheet HTML 5Page - List of Unclassifed Manufacturers PR08-2DN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HJ KT_XT`
B045
?cY`\dj j\cf\hXjkh\
4HMqxs4^m@S xss;-, LDFFDQn
tupuw;-,
mtspvs;-,n
?cY`\dj j\cf\hXjkh\
4HMqxs4^m@S xss;-, LDFFDQn
,@RDr5TS} 5HJDK OK@SDC +Q@RRo <@RGDQ} 5HJDK OK@SDC 2QNMo 9DMRHMF RTQE@BD} 1D@SpQDRHRS@MS *+9o
9S@MC@QC B@AKDm+K@BJn} 7NKXUHMXK BGKNQHCDm7;,no 6HK QDRHRS@MS B@AKDm0Q@Xn} 6HK QDRHRS@MS 7NKXUHMXK BGKNQCDm7;,n
,@RDr5TS} 5HJDK OK@SDC +Q@RRo <@RGDQ} 5HJDK OK@SDC 2QNMo 9DMRHMF RTQE@BD} 1D@SpQDRHRS@MS *+9o
9S@MC@QC B@AKDm+K@BJn} 7NKXUHMXK BGKNQHCDm7;,n
b9; 1,dX_T af^T
b<; 2,dX_T af^T
]~+0* :GD QDRONMRD EQDPTDMBX HR SGD @UDQ@FD U@KTDq :GD RS@MC@QC RDMRHMF S@QFDS HR TRDC @MC SGD VHCSG HR RDS @R u SHLDR NE SGD RS@MC@QC RDMRHMF S@QFDSo
tru NE SGD RDMRHMF CHRS@MBD ENQ SGD CHRS@MBDq
HJ/7,0-4<F
HJ/7,0-4<H
HJ/7,0-4<F1
HJ/7,0-4<H1
HJD/7,0-4<F
HJD/7,0-4<H
HJD/7,0-4<F1
HJD/7,0-4<H1
HJ01,1<F
HJ01,1<H
HJ01,1<F1
HJ01,1<H1
HJK01,1<F
HJK01,1<H
HJK01,1<F1
HJK01,1<H1
HJ01,3<F
HJ01,3<H
HJ01,3<F1
HJ01,3<H1
HJK01,3<F
HJK01,3<H
HJK01,3<F1
HJK01,3<H1
HJD01,3<F
HJD01,3<H
HJ07,4<F
HJ07,4<H
HJ07,4<F1
HJ07,4<H1
HJD07,4<F
HJD07,4<H
HJD07,4<F1
HJD07,4<H1
HJ07,7<F
HJ07,7<H
HJ07,7<F1
HJ07,7<H1
HJD07,7<F
HJD07,7<H
HJD07,7<F1
HJD07,7<H1
HJ2/,0/<F
HJ2/,0/<H
HJ2/,0/<F1
HJ2/,0/<H1
HJD2/,0/<F
HJD2/,0/<H
HJD2/,0/<F1
HJD2/,0/<H1
HJ2/,04<F
HJ2/,04<H
HJ2/,04<F1
HJ2/,04<H1
HJD2/,04<F
HJD2/,04<H
HJD2/,04<F1
HJD2/,04<H1
HJ/7,1<F
HJ/7,1<H
HJ/7,1<F1
HJ/7,1<H1
HJD/7,1<F
HJD/7,1<H
HJD/7,1<F1
HJD/7,1<H1
]~+0* :GD QDRONMRD EQDPTDMBX HR SGD @UDQ@FD U@KTDq :GD RS@MC@QC RDMRHMF S@QFDS HR TRDC @MC SGD VHCSG HR RDS @R u SHLDR NE SGD RS@MC@QC RDMRHMF S@QFDSo
tru NE SGD RDMRHMF CHRS@MBD ENQ SGD CHRS@MBDq
4@Wq tsk NE RDMRHMF CHRS@MBD
tu[tu[tLLm2QNMn
s SN tqwLL
4@WqtsL*
4@Wq ussL*
uss1Y
wss1Y
4@Wq tqx;
wLL
xLL
{LL
tsLL
txLL
s SN uq{LL
s SN vqxLL
s SN xqyLL
s SN zLL
s SN tsqxLL
vs[vs[tLL
m2QNMn
wx[wx[tLL
m2QNMn
ux[ux[tLL
m2QNMn
t{[t{[tLL
m2QNMn
xss1Y
vxs1Y
tqxLL
uLL
s SN tqwLL
s SN tqsxLL
{[{[tLLm2QNMn
_w[v7ouL
_x[v7ouL
uLL
Je[\b
OjXd[Xh[ i\di`d^
jXh^\j
Mem\h ikffbo
,Lf\hXj`ed lebjX^\-
I\XaX^\ Zkhh\dj
N\ifedi\ ]h\gk\dZo~+0*
N\i`[kXb lebjX^\
?]]\Zj`ed Yo P\cf1
Aedjheb ekjfkj
cdikbXj`ed h\i`ijXdZ\
B`\b\Zjh`Z ijh\d^j_
R`YhXj`ed
O_eZa
cd[`ZXjeh
?cY`\dj _kc`[`jo
Mhej\Zj`ed Z`hZk`j
Qd`j m\`^_j
AXYb\ if\Z1
OjehX^\ j\cf\hXjkh\
Mhej\Zj`ed
?ffhelXb
txss;*, xsrys1Y ENQ tLHMTSD
tLL @LOKHSTCD @S EQDPTDMBX NE ts SN xx1Y HM D@BG NE =o >o ? CHQDBSHNMR ENQ u GNTQR
xssLrR`mxs0n HM =o >o ? CHQDBSHNM ENQ v SHLDR
6TSOTS NODQ@SHNM HMCHB@SNQm8DC 3.-n
27yzm2., RS@MC@QCn
pux SN zs\m@S MNMpEQDDYHMF RS@STRn
pvs SN {s\m@S MNMpEQDDYHMF RS@STRn
vx SN |xk81
9TQFD OQNSDBSHNM BHQBTHSo 8DUDQRD ONK@QHSX OQNSDBHSNM BHQBTHSo 6UDQKN@C l 9GNQS OQNSDBSHNM BHQBTHS
O\jj`d^ [`ijXdZ\
O\di`d^ [`ijXdZ\
Foij\h\i`i
Ztsk 4@Wq ENQ RDMRHMF CHRS@MBD @S us\ VHSGHM SDLODQ@STQD Q@MFD NE pux SN zs\o 78s{ 9DQHDR } 4@Wq Zusk
78}*OOQNWqzuFo 789}*OOQNWqzsFo
783}*OOQNWqzyF
78}*OOQNWq ttsF
783}*OOQNWq tvsF
78}*OOQNWq tzsF
783}*OOQNWq utsF
tsspuws;*,
m{xpuyw;*,n
4@Wq uqxL*
x SN ussL*
us1Y
4@Wqts;
HJ01,19G
HJ01,19;
HJ01,39G
HJ01,39;
HJ07,49G
HJ07,49;
HJD07,49G
HJD07,49;
HJ07,79G
HJ07,79;
HJD07,79G
HJD07,79;
HJ2/,0/9G
HJ2/,0/9;
HJD2/,0/9G
HJD2/,0/9;
HJ2/,049G
HJ2/,049;
HJD2/,049G
HJD2/,049;
uLL
wLL
xLL
{LL
tsLL
txLL
tu[tu[tLLm2QNMn
t{[t{[tLLm2QNMn ux[ux[tLLm2QNMn vs[vs[tLLm2QNMn wx[wx[tLLm2QNMn
s SN tqwLL
s SN uq{LL
s SN vqxLL
s SN xqyLL
s SN zLL
s SN tsqxLL
*OOQNWqyyF
78 } *OONWq tvvF
783 } *OONWq txsF
78 } *OONWq t{xF
783 } *OONWq uuuF
_w[u7ouL
_x[u7ouL
x SN txsL*
Je[\b
OjXd[Xh[ i\di`d^
jXh^\j
Mem\h ikffbo
,Lf\hXj`ed lebjX^\-
I\XaX^\ Zkhh\dj
N\i`[kXb lebjX^\
?]]\Zj`ed Yo P\cf1
Aedjheb ekjfkj
cdikbXj`ed h\i`ijXdZ\
B`\b\Zjh`Z ijh\d^j_
R`YhXj`ed
O_eZa
cd[`ZXjeh
?cY`\dj _kc`[`jo
Mhej\Zj`ed Z`hZk`j
Qd`j m\`^_j
AXYb\ if\Z1
OjehX^\ j\cf\hXjkh\
Mhej\Zj`ed
?ffhelXb
O\jj`d^ [`ijXdZ\
O\di`d^ [`ijXdZ\
Foij\h\i`i
N\ifedi\ ]h\gk\dZo~+0*
4@Wq tsk NE RDMRHMF CHRS@MBD
Ztsk 4@Wq ENQ RDMRHMF CHRS@MBD @S us\ VHSGHM SDLODQ@STQD Q@MFD NE pux SN zs\
uoxss;*, xsrys1Y ENQ tLHMTSD
tLL @LOKHSTCD @S EQDPTDMBX NE ts SN xx1Y HM D@BG NE =o >o ? CHQDBSHNMR ENQ u GNTQR
xssLrR`mxs0n HM =o >o ? CHQDBSHNM ENQ v SHLDR
6ODQ@SHNM HMCHB@SNQm8DC 3.-n
pux SN zs\m@S MNMpEQDDYHMF RS@STRn
pvs SN {s\m@S MNMpEQDDYHMF RS@STRn
9TQFD OQNSDBSHNM BHQBTHS
27yzm2., RS@MC@QCn
vx SN |xk81
tqxJ1Y
tqxJ1Y
tJ1Y
_vqx[v7ouL
JXj\h`Xb
JXj\h`Xb
78}*OOQNWqxuF
783}*OOQNWqxwF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com