Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL08-2DP2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PRL08-2DP2
Description  Cylindrical Type Proximity Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRL08-2DP2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PRL08-2DP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL08-2DP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRL08-2DP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRL08-2DP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRL08-2DP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRL08-2DP2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B049
HJ KT_XT`
<GDM TRHMF -, NQ *, upVHQD SXOD OQNWHLHSX RDMRNQo SGD KN@C LTRS AD BNMMDBSDCo NSGDQVHRD HMSDQM@K
BNLONMDMSR L@X AD C@L@FDCq :GD KN@C B@M AD BNMMDBSDC SN DHSGDQ VHQDq
7KD@RD L@JD SGD BTQQDMS NM OQNWHLHSX RDMRNQ RL@KKDQ SG@M SGD
QDSTQM BTQQDMS NE KN@C AX BNMMDBSHMF @ AKDDCDQ QDRHRSNQ HM O@Q@KKDKq
]< U@KTD NE +KDDCDQ QDRHRSNQ RGNTKC AD AHFFDQ ENQ OQNODQ GD@S
CHRRHO@SHNMq
b?A 40m`h\ jof\
bBA 40m`h\ jof\
= ?A 40m`h\ jof\ >
46RBA
.
W
= BA 40m`h\ jof\ >
MLSCN
.
0
= BA 40m`h\ jof\ + ?A 40m`h\ jof\ >
,Qd`j<cc-
@hemd
@bk\
U 2<?Zj`ed Zkhh\dj e] beX[/ N<@b\\[\h h\i`ijXdZ\/ M<M\hc`ii`Yb\ fem\hV
@hemd
@bk\
@hemd
@bk\
@hemd
@bk\
Ri
.
0
@hemd
@bk\
IeX[
@b\\[\h h\i`ijeh,N-
?
;
38
MN2:0317B
MNP2:0317B
34
46
MN2:04B
MNP2:04B
34
46
46
58
52
58
6:
76
82
82
;2
;2
MN,P-52037B
MNI52037B
MN52037?
MNI52037?
MN,P-52032B
MNI52032B
MN52032?
MNI52032?
MN,P-3:0:B
MNI3:0:B
MN3:0:?
MNI3:0:?
MN,P-3:07B
MNI3:07B
MN3:07?
MNI3:07?
MN,P-3406B
MNO3406B
MN3406?
MN,P-3404B
MNO3404B
MN3404?
Je[\b
cj\c
@
u
2
:
:
46
2
34
33
58
2
3:
36
76
2
52
37
;2
w[
617
8
8
34
37
46
52
67
c
34
46
3:
49
67
d
58
76
;2
Ri < Mem\h ikffbo/ de < J`d1 XZj`ed Zkhh\dj e] fhen`c`jo i\dieh
2e]] < N\jkhd Zkhh\dj e] beX[/ M < KkcY\h e] @b\\[\h h\i`ijXdZ\ mXjj
?
@
MXhXbb\b
DXZ\ je DXZ\
u
u
w[
u
c
d
;9
2Np2NEE
;9
2
?A
MLSCN
sIeX[ Zedd\Zj`edi
scd ZXi\ e] j_\ beX[ Zkhh\dj `i icXbb
2S L@X B@TRD QDSTQM E@HKTQD NE KN@C AX QDRHCT@K UNKS@FDq 2E SGD KN@C
BTQQDMS HR TMCDQ xL*o OKD@RD L@JD RTQD SGD QDRHCT@K UNKS@FD HR
KDRR SG@M SGD QDSTQM UNKS@FD NE SGD KN@C AX BNMMDBSHMF @ AKDDCDQ
QDRHRSNQ HM O@Q@KKDK VHSG SGD KN@C @R RGNVM HM SGD CH@FQ@Lq
iH_]^T_ b`PVT
<GDM RDUDQ@K OQNWHLHSX RDMRNQR @QD LNTMSDC BKNRD SN NMD @MNSGDQ @ L@KETMBSHNM NE SGD L@X AD B@TRDC CTD
SN LTST@K HMSDQEDQDMBDq :GDQDENQDo AD RTQD SN JDDO @ LHMHLTL CHRS@MBD ADSVDDM SGD SVN RDMRNQR @R ADKNV
BG@QS HMCHB@SDRq
sJkjkXb0`dj\h]\h\dZ\ + cd]bk\dZ\ Yo ikhhekd[`d^ c\jXbi
<GDM RDMRNQR @QD LNTMSDC NM LDS@KKHB O@MDKo HS HR QDPTHQDC SN OQNSDBS SGD RDMRNQR EQNL ADHMF @EEDBSDC AX
@MX LDS@KKHB NAIDBS DWBDOS S@QFDSq :GDQDENQDo AD RTQD SN OQNUHCD @ LHMHLTL CHRS@MBD @R ADKNV BG@QS HMCHB@SDRq
p
3220
462R?A
e
IeX[
IeX[
IeX[
IeX[
;9
8
`
;9
8
`
8 ~
m^n
7 ~
m<n
8 ~
m^n
7 ~
m<n
332R?A < J`d1 42av 5S
442R?A < J`d1 5;av 32S
p
IeX[
@b\\[\h h\i`ijeh,N-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com