Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIF1402 Datasheet(PDF) 1 Page - General Semiconductor

Part # GIF1402
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GIF1402 Datasheet(HTML) 1 Page - General Semiconductor

  GIF1402 Datasheet HTML 1Page - General Semiconductor GIF1402 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GIF1401 THRU GIF1404
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low power loss
♦ Low leakage current
♦ High surge capability
♦ Superfast recovery time for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.25" (6.35mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.064 ounce, 1.81 grams
Mounting Torque: 5 in. - lbs. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GIF1401
GIF1402
GIF1403
GIF1404
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current at TC=125°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
125.0
Amps
on rated load (JEDEC Method) at TC=125°C
Maximum instantaneous forward voltage at:
IF=4A, TJ=100°C
0.800
IF=8A, TJ=100°C
VF
0.895
Volts
IF=4A, TJ=25°C
0.900
IF=8A, TJ=25°C
0.975
Maximum DC reverse current
TC=25°C
5.0
at rated DC blocking voltage
TC=100°C
IR
150.0
µA
Maximum reverse recovery time (NOTE 1)
trr
35.0
ns
Typical junction capacitance (NOTE 2)
CJ
85.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJC
5.0
°C/W
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to case mounted on heatsink
4/98
ITO-220AC
Dimensions in inches and (millimeters)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.670 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 2
12
PIN
DI
DIA.
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - GIF1402

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GIF2401 GE-GIF2401 Datasheet
83Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
GIF2402 GE-GIF2402 Datasheet
83Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
GIF2403 GE-GIF2403 Datasheet
83Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
GIF2404 GE-GIF2404 Datasheet
83Kb / 2P
GLASS PASSIVATED PLASTIC RECTIFIER
More results

Similar Description - GIF1402

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP30AP GE-FEP30AP Datasheet
73Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com