Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLL4735 Datasheet(PDF) 1 Page - General Semiconductor

Part # GLL4735
Description  SURFACE MOUNT GLASS PASSIVATED ZENER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GLL4735 Datasheet(HTML) 1 Page - General Semiconductor

  GLL4735 Datasheet HTML 1Page - General Semiconductor GLL4735 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOMINAL
ZENER
MAXIMUM DYNAMIC
MAXIMUM
MAXIMUM
VOLTAGE
IMPEDANCE
MAXIMUM DC REVERSE
ZENER
FORWARD
AT IZT
TEST
LEAKAGE CURRENT
CURRENT
VOLTAGE
TYPE
(NOTE 1)
CURRENT
ZZT at
(NOTE 2)
at 200mA
VZ
IZT
IZT
ZZK at IZK
IZK
IR
VR
IZM
VF
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(
µA)
(Volts)
(mApk)
(Volts)
GLL4735
6.2
41.0
2.0
700
1.0
50.0
3.0
730.0
1.2
GLL4736
6.8
37.0
3.5
700
1.0
10.0
4.0
660.0
1.2
GLL4737
7.5
34.0
4.0
700
0.5
10.0
5.0
605.0
1.2
GLL4738
8.2
31.0
4.5
700
0.5
10.0
6.0
550.0
1.2
GLL4739
9.1
28.0
5.0
700
0.5
10.0
7.0
500.0
1.2
GLL4740
10
25.0
7.0
700
0.25
10.0
7.6
454.0
1.2
GLL4741
11
23.0
8.0
700
0.25
5.0
8.4
414.0
1.2
GLL4742
12
21.0
9.0
700
0.25
5.0
9.1
380.0
1.2
GLL4743
13
19.0
10.0
700
0.25
5.0
9.9
344.0
1.2
GLL4744
15
17.0
14.0
700
0.25
5.0
11.4
305.0
1.2
GLL4745
16
15.5
16.0
700
0.25
5.0
12.2
285.0
1.2
GLL4746
18
14.0
20.0
750
0.25
5.0
13.7
250.0
1.2
GLL4747
20
12.5
22.0
750
0.25
5.0
15.2
225.0
1.2
GLL4748
22
11.5
23.0
750
0.25
5.0
16.7
205.0
1.2
GLL4749
24
10.5
25.0
750
0.25
5.0
18.2
190.0
1.2
GLL4750
27
9.5
35.0
750
0.25
5.0
20.6
170.0
1.2
GLL4751
30
8.5
40.0
1000
0.25
5.0
22.8
150.0
1.2
GLL4752
33
7.5
45.0
1000
0.25
5.0
25.1
135.0
1.2
GLL4753
36
7.0
50.0
1000
0.25
5.0
27.4
125.0
1.2
GLL4754
39
6.5
60.0
1000
0.25
5.0
29.7
115.0
1.2
GLL4755
43
6.0
70.0
1500
0.25
5.0
32.7
110.0
1.2
GLL4756
47
5.5
80.0
1500
0.25
5.0
35.8
95.0
1.2
GLL4757
51
5.0
95.0
1500
0.25
5.0
38.8
90.0
1.2
GLL4758
56
4.5
110.0
2000
0.25
5.0
42.6
80.0
1.2
GLL4759
62
4.0
125.0
2000
0.25
5.0
47.1
70.0
1.2
GLL4760
68
3.7
150.0
2000
0.25
5.0
51.7
65.0
1.2
GLL4761
75
3.3
175.0
2000
0.25
5.0
56.0
60.0
1.2
GLL4762
82
3.0
200.0
3000
0.25
5.0
62.2
55.0
1.2
GLL4763
91
2.0
250.0
3000
0.25
5.0
69.2
50.0
1.2
NOTES:
(1) Standard voltage tolerance is ±10%, Suffix A = ±5%
(2) Surge current is a non-repetitive, 8.3ms pulse width square wave or
equivalent sine-wave superimposed on IZT per JEDEC Method
(3) Maximum steady state power dissipation is 1.0 watt at TT=75
°C
1/20/99
GLL4735 THRU GLL4763A
SURFACE MOUNT GLASS PASSIVATED ZENER
Zener Voltage - 6.2 to 91.0 Volts
Steady State Power - 1.0 Watt
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ For surface mounted applications
♦ Glass passivated chip junction
♦ Low zener impedance
♦ Low regulation factor
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-213AB molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Red band denotes Zener diode and positive end (cathode)
Mounting Position: Any
Weight: 0.0046 ounce, 0.116 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55°C to +150°C
Dimensions are in inches and (millimeters)
DO-213AB
SOLDERABLE ENDS
1st BAND
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185(4.7)
D1=
0.105
0.095
(2.67)
(2.41)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and positive end (cathode)
D2


Similar Part No. - GLL4735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLL4735 VISHAY-GLL4735 Datasheet
148Kb / 6P
Zener Diodes
06-Aug-04
GLL4735 VISHAY-GLL4735 Datasheet
95Kb / 5P
Zener Diodes
06-Dec-11
GLL4735 VISHAY-GLL4735 Datasheet
113Kb / 5P
Zener Diodes
06-Mar-2019
GLL4735A VISHAY-GLL4735A Datasheet
148Kb / 6P
Zener Diodes
06-Aug-04
logo
SUNMATE electronic Co.,...
GLL4735A SUNMATE-GLL4735A Datasheet
598Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4735 GE-SML4735 Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
Surface Mount Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Leshan Radio Company
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Thinki Semiconductor Co...
UDZS3.6B THINKISEMI-UDZS3.6B Datasheet
1Mb / 4P
200mW Surface Mount Type Silicon Glass Passivated Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com