Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 1 Page - General Semiconductor

Part # GL34D
Description  SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GL34D Datasheet(HTML) 1 Page - General Semiconductor

  GL34D Datasheet HTML 1Page - General Semiconductor GL34D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL34A THRU GL34J
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 0.5 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
450°C/5 seconds at terminals. Complete device
submersible temperature of 260°C for 10 seconds in
solder bath
MECHANICAL DATA
Case: JEDEC DO-213AA molded plastic over glass body
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity: Two bands indicate cathode-end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating
Mounting Position: Any
Weight: 0.0014 ounce, 0.036 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Standard recovery device: first band is white
SYMBOLS
GL34A
GL34B
GL34D
GL34G
GL34J
Polarity color bands (2nd Band)
Gray
Red
Orange
Yellow
Green
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
at TT=75°C
I(AV)
0.5
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
10.0
Amps
Maximum instantaneous forward voltage at 0.5A
VF
1.2
1.3
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Maximum full load reverse current, full cycle
average at TA=55°C
IR(AV)
30.0
µA
Typical reverse recovery time (NOTE 1)
trr
1.5
µs
Typical junction capacitance (NOTE 2)
CJ
4.0
pF
Maximum thermal resistance (NOTE 3)
R
ΘJA
150.0
(NOTE 4)
R
ΘJT
70.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient, 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
(4) Thermal resistance from junction to terminal, 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
4/98
SOLDERABLE ENDS
1st BAND
2nd BAND
0.022 (0.559)
0.016 (0.406)
0.145 (3.683)
0.131(3.327)
D1=
0.066
0.060
(1.676)
(1.524)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and polarity
2cnd band denotes voltage type
D2
DO-213AA
®
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-end cap assembly by Patent No. 3,930,306


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
66Kb / 2P
Silicon passivated type
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34D DIOTEC-GL34D Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
Surface-Mount Glass Passivated Junction Fast Switching Rectifier
17-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com