Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP08 Datasheet(PDF) 1 Page - General Semiconductor

Part # GP08
Description  GP02
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GP08 Datasheet(HTML) 1 Page - General Semiconductor

  GP08 Datasheet HTML 1Page - General Semiconductor GP08 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP08A THRU GP08J
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 600 Volts Forward Current - 0.8 Ampere
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 0.8 Ampere operation at TA=55°C with no thermal
runaway
♦ Typical IR less than 0.1µA
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GP08A
GP08B
GP08D
GP08G
GP08J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA =55°C
I(AV)
0 .8
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) at TA=55°C
IFSM
25.0
Amps
Maximum instantaneous forward voltage at 0.8A
VF
1.3
Volts
Maximum full load reverse current full cycle
average 0.375" (9.5mm) lead length at
TA=55°C
IR(AV)
30.0
µA
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
8.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measure on IF =0.5A, IR =1.0A, Irr = 0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
DO-204AL
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No.3,996,602 and brazed-lead assembly by Patent No.3,930,306
®


Similar Part No. - GP08

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP08 XPPOWER-GP08 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
First Components Intern...
GP08A FCI-GP08A Datasheet
161Kb / 2P
0.8 Amp MEGARECTIFIERS
logo
Gulf Semiconductor
GP08A GULFSEMI-GP08A Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
logo
Shenzhen Taychipst Elec...
GP08A TAYCHIPST-GP08A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP08A VISHAY-GP08A Datasheet
81Kb / 5P
Glass Passivated Junction Rectifier
26-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com