Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR0034B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0034B
Description  Dual NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0034B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0034B Datasheet HTML 1Page - Solid States Devices, Inc TR0034B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT3904A2
__ __
│
│
│
│
│
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└ Package GW = Gullwing
SFT3904A2
Series
Dual Microminiature Package
200 mA 40 Volts
Dual NPN Transistor
Features:
• High Speed Switching Transistor
• Multiple Devices Reduce Board Space
• High Power Dissipation: Up to 600 mW / device
• Replacement for 2N3904AU
• TX, TXV, S-Level screening available
• PNP complimentary parts available (SFT3906A2)
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
40
Volts
Collector – Base Voltage
VCBO
60
Volts
Emitter – Base Voltage
VEBO
6
Volts
Continues Collector Current
IC
200
mAmps
Power Dissipation @ TC = 25ºC
PD
600
mW
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance (Junction to Case)
RθJC
0.29
ºC/mW
Gullwing (GW)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0034 B
Doc


Similar Part No. - TR0034B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0034AA0095 TAI-SAW-TR0034AA0095 Datasheet
261Kb / 6P
Dielectric Filter 3450MHz size15.9x4.4mm
More results

Similar Description - TR0034B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com