Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR0036 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0036
Description  NPN/PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0036 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0036 Datasheet HTML 1Page - Solid States Devices, Inc TR0036 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT390604A2
Series
Electrical Characteristic
4/ 5/
Symbol
PNP
Limit
NPN
Limit
Units
Collector – Emitter Sustaining Voltage
IC = 1 mA BVCEO
40 min
40 min
V
Collector – Base Breakdown Voltage
IC = 10 µA BVCBO
40 min
60 min
V
Emitter – Base Breakdown Voltage
IC = 10 µA BVEBO
5 min
5 min
V
Collector Cutoff Current
Vce = 30 V, Vbe = 3.0 V
ICEX
50 max
50 max
nA
Collector Cutoff Current
Vcb = -30 V
ICBO
50 max
50 max
nA
Emitter Cutoff Current
Veb = -3.0 V
IEBO
50 max
50 max
nA
DC Forward Current Transfer Ratio *
VCE = 1.0V, IC = 0.1 mA
VCE = 1.0V, IC = 1.0 mA
VCE = 1.0V, IC = 10 mA
VCE = 1.0V, IC = 50 mA
VCE = 1.0V, IC = 100 mA
HFE
60 min
80 min
100 - 300
60 min
30 min
40 min
70 min
100 - 300
60 min
30 min
Collector – Emitter Saturation Voltage *
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
VCE(Sat)
0.25 max
0.40 max
0.20 max
0.30 max
V
Base – Emitter Saturation Voltage *
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
VBE(Sat)
0.65 to 0.85
0.95 max
0.65 to 0.85
0.95 max
V
Frequency Transition
VCE = 20V, IC = 20mA
fT
250 min
300 min
MHz
Output Capacitance
VCE = 10V, f = 1MHz
cob
4.5 max
4.0 max
pF
Input Capacitance
VCE = 0.5V, f = 1MHz
cib
10 max
8.0 max
pF
Switch Times
Turn-on Delay Time
Rise Time
Storage Time
Fall Time
Vcc=3V, IC = 10 mA
IB1 = 1mA, IB2=-1mA
Vbe(off) = 0.5 V
td
tr
ts
tf
35 max
35 max
225 max
75 max
35 max
35 max
200 max
50 max
nsec
Small Signal Current Gain
(f = 1 khz )
VCE = 10V, IC = 1.0 mA
hfe
100 - 400
100 - 400
Noise Figure
Ic = 100 uA, Vce = 5 V, Rs = 1.0 kΩ, f = 1 khz
NF
4.0 max
5.0 max
db
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability
Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
5/ Negative bias conditions for the PNP device type
Available Part Numbers:
SFT390604A2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
PNP Device
NPN Device
GW
Collector
Base
Emitter
Collector
Base
Emitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com