Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR0076 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0076
Description  High Power NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0076 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0076 Datasheet HTML 1Page - Solid States Devices, Inc TR0076 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5671 and SFT5672
SFT5672E
Electrical Characteristics
unless otherwise specified, TA= 25ºC
* pulse test; pw= 300 us, duty cycle=
2%
Symbol
Min
Max
Units
(IC = 200 mA) SFT5671
SFT5672
SFT5672E
BVCEO
90
120
130
––
––
––
Collector – Emitter Blocking Voltage *
(IC = 200 mA, RBE = 50 Ω) SFT5671
SFT5672
SFT5672E
BVCER
110
140
250
––
––
––
Volts
Collector – Emitter Blocking Voltage *
(IC = 200 mA, VBE= -1.5 V) SFT5671
SFT5672
SFT5672E
BVCEX
120
150
350
––
––
––
Volts
Emitter – Base Blocking Voltage
(IE = 100 µA)
BVEBO
7
––
Volts
Collector Cutoff Current
(VCE = 80 V) SFT5671, SFT5672
SFT5672E
ICEO
––
––
10
0.1
mA
Collector Cutoff Current
(VCB = 120 V) SFT5671
(VCB = 150 V) SFT5672
(VCB = 150 V) SFT5672E
ICBO
––
––
––
25
25
0.1
mA
Emitter Cutoff Current
(VEB = 7 V) SFT5671, SFT5672
SFT5672E
IEBO
––
––
10
0.1
mA
Collector Cutoff Current
TA= 25ºC
TA= 25ºC
TA= 25ºC
TA= 150ºC
TA= 150ºC
(VCE = 110 V, VBE= 1.5 V) SFT5671
(VCE = 135 V, VBE= 1.5 V) SFT5672
(VCE = 135 V, VBE= 1.5 V) SFT5672E
(VCE = 100 V, VBE= 1.5 V) SFT5671
(VCE = 100 V, VBE= 1.5 V) SFT5672
ICEX
––
––
––
––
––
12
10
0.1
15
10
mA
DC Current Gain *
(IC = 15 A, VCE = 2 V)
(IC = 20 A, VCE = 5 V)
(IC = 50 A, VCE = 5 V) SFT5672E
(IC = 15 A, VCE = 2 V, TA= -65ºC)
hFE
20
20
10
10
100
––
––
––
Small Signal Common-Emitter
Forward Current Transfer Ratio
(IC = 2 A, VCE = 10 V, f = 5 MHz)
hfe
10
40
TO-3, SMD 1 (IC = 15 A, IB = 1.2 A)
(IC = 30 A, IB = 6.0 A)
––
––
0.75
5.0
Collector-Emitter Saturation Voltage
*
TO-254 (IC = 15 A, IB = 1.2 A)
(IC = 30 A, IB = 6.0 A)
VCE (SAT)
––
––
0.77
5.25
Volts
Base-Emitter Saturation Voltage *
(IC = 15 A, IB = 1.2 A)
VBE (SAT)
––
1.5
Volts
Output Capacitance
VCB = 10 V, IE = 0 A, f = 1.0MHz
Cob
––
900
pF
Safe Operating Area
VCE= 4.67 V, IC= 30 A, t= 1 s
VCE= 24 V, IC= 5.0 A, t= 1 s
VCE= 45 V, IC= 0.9 A, t= 1 s
VCE= 90 V, IC= 0.19 A, t= 1 s, SFT5671, SFT5672
VCE= 120 V, IC= 0.11 A, t= 1 s, SFT5672E
SOA1
SOA2
SOA3
SOA4
SOA4
Turn-on Time
t(on)
––
500
ns
Turn-off Time
(VCC = 30 V, IC = 15.0 A, IB1 = IB2 = 1.2 A)
t(off)
––
1.5
µs
Available Part Numbers:
SFT5671/3
SFT5671M
SFT5671MUB
SFT5671MDB
SFT5671S1
SFT5672/3
SFT5672M
SFT5672MUB
SFT5672MDB
SFT5672S1
SFT5672E/3 SFT5672EM SFT5672EMUB SFT5672EMDB SFT5672ES1
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-3 (/3)
Case
Pin 2
Pin 3
TO-254 (M)
Pin 1
Pin 2
Pin 3
SMD 1(S1)
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com