Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMBD4148 Datasheet(PDF) 2 Page - General Semiconductor

Part # IMBD4148
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

IMBD4148 Datasheet(HTML) 2 Page - General Semiconductor

  IMBD4148 Datasheet HTML 1Page - General Semiconductor IMBD4148 Datasheet HTML 2Page - General Semiconductor IMBD4148 Datasheet HTML 3Page - General Semiconductor IMBD4148 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
IMBD4148
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
––1
V
Leakage Current
at VR = 70 V
at VR = 70 V, Tj = 150 °C
at VR = 25 V, Tj = 150 °C
IR
IR
IR
–
–
–
–
–
–
2.5
50
30
µA
µA
µA
Capacitance
at VF = VR = 0
Ctot
––4pF
Reverse Recovery Time
from IF = 10 mA to IR = 10 mA
VR = 6 V, RL = 100 Ω
trr
––4ns
Thermal Resistance
Junction to Ambient Air
RthJA
–
–
4501)
K/W
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com