Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP10T Datasheet(PDF) 2 Page - General Semiconductor

Part # GP10T
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GP10T Datasheet(HTML) 2 Page - General Semiconductor

  GP10T Datasheet HTML 1Page - General Semiconductor GP10T Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1100
5.0
10
15
20
25
30
1.1
1.5
1.6
0.1
10
20
0.6
0.7
0.8
0.9
1.0
1.2
1.3
1.4
0.01
1
20
40
60
140
160
180
1.0
0.8
0.6
0.4
0.2
0
80
100
120
0.1
1
10
100
10
0.1
1
10
100
1.0
20
10
100
0.001
0.01
0.1
1
10
020
40
60
80
RATINGS AND CHARACTERISTIC CURVES GP10A THRU GP10Y
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE, VRRM
GP10A . . . . . . .50V
GP10B . . . . . .100V
GP10D . . . . . .200V
GP10G . . . . . .400V
GP10J . . . . . .600V
GP10K . . . . . .800V
GP10M . . . . .1000V
GP10N . . . . .1100V
GP10Q . . . . .1200V
GP10T . . . . .1300V
GP10V . . . . .1400V
GP10W
. . . .1500V
GP10Y . . . . .1600V
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
GP10A to GP10J
GP10K to GP10Q
GP10T to GP10Y
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
0.375" (9.5mm) LEAD LENGTH
GP10A - GP10M
GP10N - GP10Y
TJ=125°C
GP10A - GP10M
GP10N - GP10Y
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
GP10A to GP10J
GP10K to GP10Q
GP10T to GP10Y



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com