Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS930 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930 Datasheet(HTML) 2 Page - Texas Instruments

  ADS930 Datasheet HTML 1Page - Texas Instruments ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADS930
2
SBAS059A
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
+VS ....................................................................................................... +6V
Analog Input ............................................................................... +VS +0.3V
Logic Input ................................................................................. +VS +0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
ADS930E
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
RESOLUTION
8
Bits
Specified Temperature Range
Ambient Air
–40
+85
°C
ANALOG INPUT
Differential Full Scale Input Range
0.5Vp-p
+1.25
+1.75
V
Single-Ended Full Scale Input Range
1Vp-p
+1.0
+2.0
V
Common-mode Voltage
1.5
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
DIGITAL INPUTS
Full
Logic Family
TTL/HCT Compatible CMOS
High Input Voltage, VIH
2.0
VDD
V
Low Input Voltage, VIL
0.8
V
High Input Current, IIH
±10
µA
Low Input Current, IIL
±10
µA
Input Capacitance
5pF
CONVERSION CHARACTERISTICS
Start Conversion
Rising Edge of Convert Clock
Sample Rate
Full
10k
30M
Samples/s
Data Latency
5
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error
f = 500kHz
Largest Code Error
Full
±0.4
±1LSB
f = 12MHz
Largest Code Error
Full
±0.4
LSB
No Missing Codes
Full
Guaranteed
Integral Nonlinearity Error, f = 500kHz
Full
±1.0
±2.5
LSB
Spurious Free Dynamic Range(1)
f = 500kHz (–1dBFS input)
Full
51
dBFS(2)
f = 12MHz (–1dB input)
Full
46
50
dBFS
Two-Tone Intermodulation Distortion(3)
f = 3.4MHz and 3.5MHz (–7dBFS each tone)
54
dBc
Signal-to-Noise Ratio (SNR)
f = 500kHz (–1dBFS input)
Full
46
dB
f = 12MHz (–1dBFS input)
Full
44
46
dB
Signal-to-(Noise + Distortion) (SINAD)
f = 500kHz (–1dBFS input)
Full
45
dB
f = 3.58MHz (–1dBFS input)
Full
45
dB
f = 12MHz (–1dBFS input)
Full
42
45
dB
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS930E
SSOP-28
324
–40
°C to +85°C
ADS930E
ADS930E
Rails
""
"
"
ADS930E
ADS930E/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS930E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com