Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS930EG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS930EG4
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930EG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS930EG4 Datasheet HTML 6Page - Texas Instruments ADS930EG4 Datasheet HTML 7Page - Texas Instruments ADS930EG4 Datasheet HTML 8Page - Texas Instruments ADS930EG4 Datasheet HTML 9Page - Texas Instruments ADS930EG4 Datasheet HTML 10Page - Texas Instruments ADS930EG4 Datasheet HTML 11Page - Texas Instruments ADS930EG4 Datasheet HTML 12Page - Texas Instruments ADS930EG4 Datasheet HTML 13Page - Texas Instruments ADS930EG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADS930
10
SBAS059A
DC-COUPLED INTERFACE CIRCUIT
Figure 5 illustrates an example of a DC-coupled interface
circuit using one high-speed op amp to level-shift the ground-
referenced input signal. This serves to condition it for the
input requirements of the ADS930. With a +3V supply the
input signal swings 1Vp-p centered around a typical com-
mon-mode voltage of +1.5V. This voltage can be derived
from the internal bottom reference (REFB) and then fed
back through a resistor divider (R1, R2) to level-shift the
driving op amp (A1). A capacitor across R2 will shunt most
of the wideband noise to ground. Depending on the config-
ured gain, the values of resistors R1 and R2 must be adjusted
since the offsetting voltage (VOS) is amplified by the non-
inverting gain, 1 + (RF/RIN). This example assumes the sum
of R1 and R2 to be 5kΩ, drawing only 250µA from the
bottom reference. Considerations for the selection of a
proper op amp should include its output swing, input com-
mon-mode range, and bias current. This circuit can easily be
modified for a +5V operation of the ADC, requiring a higher
common-mode level (+2.5V).
INTERNAL REFERENCE
The ADS930 features an internal reference that provides
fixed reference voltages for the internal stages. As shown in
Figure 6, each end of the resistor ladder (REFT and REFB)
are driven by a buffer amplifier. The ladder has a nominal
resistance of 4k
Ω (±15%). The two outputs of the buffers are
brought out at pin 21 (LpBy) and pin 25 (LnBy), primarily
to connect external bypass capacitors, typically 0.1
µF. They
will shunt the high frequency switching noise that is fed
back into the reference circuit and improve the performance.
The buffers can drive limited external loads, for example
level-shifting of the converter’s interface circuit. However,
the current draw should be limited to approximately 1mA.
Derived from the top reference of +1.75V is an additional
voltage of +1.0V. Note that this voltage, available on pin 23,
is not buffered and care should be taken when external loads
are applied. In normal operation, this pin is left unconnected
and no bypassing components are required.
CLOCK INPUT
The clock input of the ADS930 is designed to accommodate
either +5V or +3V CMOS logic levels. To drive the clock
input with a minimum amount of duty cycle variation and
support the maximum sampling rate (30MSPS), high speed
or advanced CMOS logic should be used (HC/HCT,
AC/ACT). When digitizing at high sampling rates, a 50%
duty cycle, along with fast rise and fall times (2ns or less),
FIGURE 6. Internal Reference Structure and Recommended Reference Bypassing.
ADS930
2.8k
Ω
2k
Ω
2k
Ω
+1.75V
+1.25V
2.1k
Ω
0.1µF
REFT
REFB
LpBy
21
23
26
25
+1V
REF
0.1µF
LnBy
0.1µF
CM
FIGURE 5. Single-supply, DC-coupled Interface Circuit.
OPA680
V
IN
+5V
R
F
V
CM = 1.5V
I = 250µA
0.1µF
IN
CM
REFB
+1.25V
R
S
R
IN
+3V
R
1
R
2
V
OS
0.1µF
22pF
0.1µF
ADS930
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com