Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL02 Datasheet(PDF) 2 Page - General Semiconductor

Part # KBL02
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

KBL02 Datasheet(HTML) 2 Page - General Semiconductor

  KBL02 Datasheet HTML 1Page - General Semiconductor KBL02 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
100
150
0
1.0
2.0
3.0
4.0
110
100
25
50
75
100
125
150
175
200
0
2040
6080
100
120
140
0.01
0.1
1
10
0.1
1
10
100
0
50
100
150
200
250
0.6
0.7
100
1.0
1
0.1
0.8
0.9
1.0
1.1
1.2
1.3
RATINGS AND CHARACTERISTICS CURVES KBL005 THRU KBL10
FIG. 1 - DERATING CURVE OUTPUT RECTIFIED
CURRENT
TEMPERATURE, °C
P.C.B. MOUNTED
0.375” (9.5mm) LEAD LENGTH
60 Hz RESISTIVE OR INDUCTIVE LOAD
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
HEAT-SINK MOUNTED
3.0”sq. x 0.06” THK
(7.5cm
2 x 0.15cm)
COPPER PLATE
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
SINGLE SINE-WAVE
(JEDEC Method)
TJ=150°C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TJ=100°C
NUMBER OF CYCLES AT 60 Hz
TJ=25°C
1.0 CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com