Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS2012E Datasheet(PDF) 18 Page - TDK Electronics

Part # VLS2012E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS2012E Datasheet(HTML) 18 Page - TDK Electronics

Back Button VLS2012E Datasheet HTML 14Page - TDK Electronics VLS2012E Datasheet HTML 15Page - TDK Electronics VLS2012E Datasheet HTML 16Page - TDK Electronics VLS2012E Datasheet HTML 17Page - TDK Electronics VLS2012E Datasheet HTML 18Page - TDK Electronics VLS2012E Datasheet HTML 19Page - TDK Electronics VLS2012E Datasheet HTML 20Page - TDK Electronics VLS2012E Datasheet HTML 21Page - TDK Electronics VLS2012E Datasheet HTML 22Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
(18/53)
INDUC
T
O
RS
001-01 / 20140208 / inductor_commercial_power_vls_en.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS2012E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
0.47
±30%
1.0
0.059
0.049
2.05
2.25
2.00
VLS2012ET-R47N
0.68
±30%
1.0
0.066
0.055
1.70
1.90
1.85
VLS2012ET-R68N
1.0
±30%
1.0
0.086
0.071
1.45
1.65
1.65
VLS2012ET-1R0N
1.5
±30%
1.0
0.108
0.090
1.20
1.30
1.45
VLS2012ET-1R5N
2.2
±20%
1.0
0.153
0.127
1.00
1.10
1.25
VLS2012ET-2R2M
3.3
±20%
1.0
0.228
0.190
0.84
0.93
1.00
VLS2012ET-3R3M
4.7
±20%
1.0
0.336
0.280
0.70
0.78
0.84
VLS2012ET-4R7M
6.8
±20%
1.0
0.498
0.415
0.57
0.64
0.69
VLS2012ET-6R8M
10
±20%
1.0
0.834
0.695
0.47
0.52
0.53
VLS2012ET-100M
15
±20%
1.0
1.062
0.885
0.40
0.44
0.47
VLS2012ET-150M
22
±20%
1.0
1.764
1.470
0.33
0.37
0.35
VLS2012ET-220M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com