Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25D Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 25D
Description  PRODUCT DESCRIPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

25D Datasheet(HTML) 2 Page - DB Lectro Inc

  25D Datasheet HTML 1Page - DB Lectro Inc 25D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25D-2A 1D
25D-1A 1N
25D-2A 1N
0.079
0.079
0.6
+0.012
-0.012
0.1
+0.012
-0.012
2- 0.016
0.709
MIN
0.8
MAX
0.709
MIN
0.2
MAX
(18.0)
(20.32)
(18.0)
(5.08)
(2.0)
(2.0)
(2- 0.4)
0.1 +0.012
-0.012
(15.24)
(2.54)
(2.54)
G
P2
P1
1
2
3- 0.018
(3- 0.45)
P1
P2
1
2
G
25D-1A 1D
2
1
G
P1(+)
P2(-)
25D-1A 1D /25D-1A 1N
25D-2A 1D /25D-2A 1N
P1
P2
1
2
G
3
4
1
2
G
3
4
P1(+)
P2(-)
0.6 +0.012
-0.012
0.1
+0.012
-0.012
0.079
0.079
0.709
MIN
0.8
MAX
0.709
MIN
(18.0)
(20.32)
(18.0)
(2.0)
(2.0)
(7.8)
0.307
MAX
0.2 +0.012
-0.012
(15.24)
(2.54)
(5.08)
(2.2)
0.087
G
P2
P1
2
4
3- 0.018
(3- 0.45)
(4- 0.4)
4- 0.016
1
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com