Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL48 Datasheet(PDF) 1 Page - General Semiconductor

Part # LL48
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL48 Datasheet(HTML) 1 Page - General Semiconductor

  LL48 Datasheet HTML 1Page - General Semiconductor LL48 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: Mini-MELF Glass Case (SOD-80)
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
Mini-MELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
5/98
236
LL48
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Forward Continuous Current at Tamb = 25 °C
IF
3501)
mA
Repetitive Peak Forward Current
at tp < 1 s, δ < 0.5, Tamb = 25 °C
IFRM
11)
A
Surge Forward Current
at tp < 10 ms, Tamb = 25 °C
IFSM
7.51)
A
Power Dissipation at Tamb = 80 °C
Ptot
3301)
mW
Junction Temperature
Tj
125
°C
Ambient Operating Temperature Range
Tamb
–55 to +125
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that electrodes are kept at ambient temperature.
For general purpose applications.
These diodes feature low turn-on volt-
age and high break-down voltage.
These devices are protected by a PN
junction guard ring against excessive volt-
age, such as electrostatic discharges.
This diode is also available in the DO-35 case
with type designation BAT48.
♦
♦
♦
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - LL48

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LL48 MCC-LL48 Datasheet
387Kb / 3P
Small Signal Schottky Diode
logo
SynSemi, Inc.
LL48 SYNSEMI-LL48 Datasheet
29Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
LL48 CHENYI-LL48 Datasheet
354Kb / 3P
small signal schottky diode
logo
GOOD-ARK Electronics
LL48 GOOD-ARK-LL48 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
logo
Jinan Jingheng (Group) ...
LL48 JINANJINGHENG-LL48 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL48

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com