Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL5711 Datasheet(PDF) 1 Page - General Semiconductor

Part # LL5711
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL5711 Datasheet(HTML) 1 Page - General Semiconductor

  LL5711 Datasheet HTML 1Page - General Semiconductor LL5711 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/6/00
Features
• For general purpose applications
• Metal-on-silicon Schottky barrier device which is
protected by a PN junction guard ring.
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices, steer-
ing, biasing and coupling diodes for fast switching
and low logic level applications.
• This diode is also available in the DO-35 case
with type designation 1N5711 and 1N6263.
Mechanical Data
Case: MiniMELF Glass Case (SOD-80C)
Weight: approx. 0.05g
Cathode Band Color: Green
Packaging Codes/Options:
D1/10K per 13” reel (8mm tape), 20K/box
D2/2.5K per 7” reel (8mm tape), 20K/box
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Peak Inverse Voltage
LL5711
VRRM
70
V
LL6263
60
Power Dissipation (Infinite Heatsink)
Ptot
400(1)
mW
Maximum Single Cycle Surge 10
µs Square Wave
IFSM
2.0
A
Junction Temperature
Tj
125
°C
Storage Temperature Range
TS
–55 to +150
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse Breakdown Voltage
LL5711
V(BR)R
IR = 10
µA
70
—
—
V
LL6263
60
—
—
Leakage Current
IR
VR = 50V
—
—
200
nA
Forward Voltage Drop
VF
IF = 1.0mA
—
—
0.41
V
IF = 15mA
—
—
1.0
Junction Capacitance
Ctot
VR = 0V, f = 1MHz
—
—
2.2
pF
Reverse Recovery Time
trr
IF = IR = 5mA,
——
1
ns
recover to 0.1IR
Note: (1) Valid provided that electrodes are kept at ambient temperature.
.146 (3.7)
.019 (0.48)
Cathode Band
.130 (3.3)
.051 (1.3)
.011 (0.28)
.063 (1.6)
Dia.
MiniMELF (SOD-80C)
Dimensions in inches and (millimeters)
LL5711 and LL6263
Schottky Diodes


Similar Part No. - LL5711

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL5711 DIODES-LL5711 Datasheet
38Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30075 Rev. A-2
logo
EIC discrete Semiconduc...
LL5711 EIC-LL5711 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
logo
SynSemi, Inc.
LL5711 SYNSEMI-LL5711 Datasheet
31Kb / 2P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL5711 GOOD-ARK-LL5711 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL5711 JINANJINGHENG-LL5711 Datasheet
70Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL5711

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com