Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP2R4N120P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP2R4N120P
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP2R4N120P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP2R4N120P Datasheet HTML 1Page - IXYS Corporation IXTP2R4N120P Datasheet HTML 2Page - IXYS Corporation IXTP2R4N120P Datasheet HTML 3Page - IXYS Corporation IXTP2R4N120P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1200
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1200
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
2.4
A
I
DM
T
C = 25°C, pulse width limited by TJM
6A
I
A
T
C = 25°C
2.4
A
E
AS
T
C = 25°C
200
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
125
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(TO-220, TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
DS99873A (04/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1200
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±50 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
300
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
6.5
7.5
Ω
Polar TM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
International standard packages
Unclamped Inductive Switching
(UIS) rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
IXTA2R4N120P
IXTH2R4N120P
IXTP2R4N120P
V
DSS
= 1200V
I
D25
= 2.4A
R
DS(on) ≤
≤≤≤≤ 7.5Ω
Ω
Ω
Ω
Ω
Applications:
High Voltage Switched-mode and
resonant-mode power supplies
High Voltage Pulse Power Applications
High Voltage Discharge circuits in
Lasers Pulsers, Spark Igniters, RF
Generators
High Voltage DC-DC converters
High Voltage DC-AC inverters
G
S
(TAB)
TO-263 (I
XTA)
TO-220 (I
XTP)
D
(TAB)
G
S
TO-247 (IXTH)
G
D S
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain


Similar Part No. - IXTP2R4N120P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP2R4N120P IXYS-IXTP2R4N120P Datasheet
332Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
IXTP2R4N120P ISC-IXTP2R4N120P Datasheet
377Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IXTP2R4N120P

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com