Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet(PDF) 1 Page - General Semiconductor

Part # MB2M
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MB2M Datasheet(HTML) 1 Page - General Semiconductor

  MB2M Datasheet HTML 1Page - General Semiconductor MB2M Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB2M THRU MB6M
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 200 to 600 Volts
Forward Current - 0.5 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL recognized under Component Index,
file number E54214
♦ Glass passivated chip junctions
♦ High surge overload rating: 35A peak
♦ Saves space on printed circuit board
♦ High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.078 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
MB2M
MB4M
MB6M
UNITS
Device marking code
2
4
6
Maximum repetitive peak reverse voltage
VRRM
200
400
600
Volts
Maximum RMS voltage
VRMS
140
280
420
Volts
Maximum DC blocking voltage
VDC
200
400
600
Volts
Maximum average forward output rectified
current at TA=30°C - on glass-epoxy P.C.B. (NOTE 1)
I(AV)
0.5
Amp
on aluminum substrate (NOTE 2)
0.8
Peak forward surge current 8.3msec. single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
35.0
Amps
Rating for fusing (t<8.3ms)
I2t
5.0
A
2sec
Maximum instantaneous forward voltage drop
per leg at 0.4A
VF
1.0
Volts
Maximum DC reverse current at
TA=25°C
5.0
µA
rated DC blocking voltage per leg
TA=125°C
IR
500
Typical junction capacitance per leg (NOTE 3)
CJ
13.0
pF
Typical thermal resistance per leg
(NOTE 1)
R
ΘJL
20.0
(NOTE 1)
R
ΘJA
85.0
°C/W
(NOTE 2)
R
ΘJA
70.0
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) On glass epoxy P.C.B. mounted on 0.05 x 0.05” (1.3 x 1.3mm) solder pads
(2) On aluminum substrate P.C.B. with an area of 0.8 x 0.8 x 0.25” (20 x 20 x 6.4mm) mounted
on 0.05 x 0.05” (1.3 x1.3mm) solder pad
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
0.147 (3.73)
0.137 (3.48)
0.144 (3.65)
0.161 (4.10)
0.106 (2.70)
0.090 (2.30)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.012 (0.30)
0.008 (0.20)
0.105 (2.67)
0.095 (2.41)
0.047 (1.19)
0.038 (0.96)
0.205 (5.21)
0.195 (4.95)
0-10
°
0.117 (2.97)
0.107 (2.72)
0.028 (0.71)
0.020 (0.51)
0.016(0.41)
0.006 (0.15)
0.100 (2.54)
MIN.
0.049 (1.24)
0.039 (0.99)
Case Style MBM
Dimensions in inches and (millimeters)
PATENT PENDING
PATENT PENDING
PATENT PENDING


Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB2M MCC-MB2M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results

Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
New Jersey Semi-Conduct...
W005G NJSEMI-W005G Datasheet
71Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB05M YFWDIODE-MB05M Datasheet
82Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB05M-MBM YFWDIODE-MB05M-MBM Datasheet
276Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB1M-MBM YFWDIODE-MB1M-MBM Datasheet
556Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
DF01M SEMTECH-DF01M Datasheet
155Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE - PHASE - BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com