Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C Datasheet(PDF) 1 Page - Marktech Corporate

Part # C503C
Description  5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C Datasheet(HTML) 1 Page - Marktech Corporate

  C503C Datasheet HTML 1Page - Marktech Corporate C503C Datasheet HTML 2Page - Marktech Corporate C503C Datasheet HTML 3Page - Marktech Corporate C503C Datasheet HTML 4Page - Marktech Corporate C503C Datasheet HTML 5Page - Marktech Corporate C503C Datasheet HTML 6Page - Marktech Corporate C503C Datasheet HTML 7Page - Marktech Corporate C503C Datasheet HTML 8Page - Marktech Corporate C503C Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Round LED
C503C-WAS/WAN
Data Sheet
Round LEDs offer superior light output for excellent readability in sunlight
and dependable performance. They provide extremely stable light output
over long periods of time.
These lamps are made with an advanced optical-grade epoxy offering
superior high-temperature and high-moisture-resistance performance in
lighting and illumination applications.
FEATURES
• Size (mm): 5
• Color Temperatures (K):
»
Cool White: Min. (4600) / Typical (9000)
• Luminous Intensity (mcd)
»
C503C-WAS/WAN (16800-39500)
• Viewing Angle: 15 degree
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Torch
• Light Strip
• Channel Letter
• Retail Display Lighting


Similar Part No. - C503C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-ACN-CYAZa251 CREE-C503C-ACN-CYAZa251 Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
C503C-ACN-CYAZa252 CREE-C503C-ACN-CYAZa252 Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
C503C-ACN-CYAZa341 CREE-C503C-ACN-CYAZa341 Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
C503C-ACN-CYAZa342 CREE-C503C-ACN-CYAZa342 Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
C503C-ACN-CYCZa251 CREE-C503C-ACN-CYCZa251 Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
More results

Similar Description - C503C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
5-mm Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
5-mm Round LED
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
5-mm Round LED
LC503TPG1-30Q-A1 CREE-LC503TPG1-30Q-A1 Datasheet
333Kb / 5P
5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com