Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6S Datasheet(PDF) 2 Page - General Semiconductor

Part # MB6S
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MB6S Datasheet(HTML) 2 Page - General Semiconductor

  MB6S Datasheet HTML 1Page - General Semiconductor MB6S Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0
5.0
10
15
20
25
30
35
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
0.1
1
10
100
0
5.0
10
15
20
25
30
200
0
20406080 100 120 140 160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
0.01
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES MB2S THRU MB6S
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE
CURRENT PER LEG
NUMBER OF CYCLES
FIG. 3 - TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
REVERSE VOLTAGE, VOLTS
TA=40°C
SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=125°C
TJ=25°C
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
TJ=150°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
f=60 HZ
f=50 HZ
1.0 CYCLE
GLASS
EPOXY
P.C.B.
RESISTIVE OR INDUCTIVE LOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com