Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM3C Datasheet(PDF) 2 Page - Marktech Corporate

Part # CLM3C
Description  PLCC2 1 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM3C Datasheet(HTML) 2 Page - Marktech Corporate

  CLM3C Datasheet HTML 1Page - Marktech Corporate CLM3C Datasheet HTML 2Page - Marktech Corporate CLM3C Datasheet HTML 3Page - Marktech Corporate CLM3C Datasheet HTML 4Page - Marktech Corporate CLM3C Datasheet HTML 5Page - Marktech Corporate CLM3C Datasheet HTML 6Page - Marktech Corporate CLM3C Datasheet HTML 7Page - Marktech Corporate CLM3C Datasheet HTML 8Page - Marktech Corporate CLM3C Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC2 1 in 1 SMD LED
CLM3C-WKW/MKW
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Cool/Warm
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
350
°C/W
Junction/Solder Point
R
THJS
300
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Cool/Warm
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
Cool/Warm
I
R
V
R = 5 V
μA
10
Luminous Flux
Cool
Φ
V
I
F = 20 mA
mlm
4200
Warm
Φ
V
I
F = 20 mA
mlm
4000
Luminous Intensity
Cool
I
V
I
F = 20 mA
mcd
1400
1850
Warm
I
V
I
F = 20 mA
mcd
1120
1560
Chromaticity
Coordinates
Cool
x
I
F = 20 mA
0.3325
y
I
F = 20 mA
0.3411
Warm
x
I
F = 20 mA
0.4234
y
I
F = 20 mA
0.3990
50% Power Angle
Cool/Warm
2θ½
I
F = 20 mA
deg
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com