Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B Datasheet(PDF) 2 Page - Marktech Corporate

Part # CLM4B
Description  PLCC4 1-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B Datasheet(HTML) 2 Page - Marktech Corporate

  CLM4B Datasheet HTML 1Page - Marktech Corporate CLM4B Datasheet HTML 2Page - Marktech Corporate CLM4B Datasheet HTML 3Page - Marktech Corporate CLM4B Datasheet HTML 4Page - Marktech Corporate CLM4B Datasheet HTML 5Page - Marktech Corporate CLM4B Datasheet HTML 6Page - Marktech Corporate CLM4B Datasheet HTML 7Page - Marktech Corporate CLM4B Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CLD-CT995.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Blue/Green
Forward Current
I
F
30
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
350
°C/W
Junction/Solder Point
R
THJS
200
°C/W
Note: Pulse width ≤10 msec, duty cycle ≤10%.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Blue/Green
V
F
I
F = 30 mA
V
3.6
4.2
Reverse Current
Blue/Green
I
R
V
R = 5 V
μA
10
Dominant Wavelength
Blue
λ
D
I
F = 30 mA
nm
460
470
480
Green
λ
D
I
F = 30 mA
nm
515
527
535
Luminous Intensity
Blue
I
V
I
F = 30 mA
mcd
355
550
Green
I
V
I
F = 30 mA
mcd
1400
1800
50% Power Angle
Blue/Green
2θ½
I
F = 30 mA
deg
120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com