Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6B Datasheet(PDF) 2 Page - Marktech Corporate

Part # CLP6B
Description  PLCC6 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6B Datasheet(HTML) 2 Page - Marktech Corporate

  CLP6B Datasheet HTML 1Page - Marktech Corporate CLP6B Datasheet HTML 2Page - Marktech Corporate CLP6B Datasheet HTML 3Page - Marktech Corporate CLP6B Datasheet HTML 4Page - Marktech Corporate CLP6B Datasheet HTML 5Page - Marktech Corporate CLP6B Datasheet HTML 6Page - Marktech Corporate CLP6B Datasheet HTML 7Page - Marktech Corporate CLP6B Datasheet HTML 8Page - Marktech Corporate CLP6B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1020.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Cool/Warm
Forward Current
I
F
3 x 50
mA
Peak Forward Current Note
I
FP
3 x 100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
3 x 220
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
3 x 300
°C/W
Junction/Solder Point
R
THJS
3 x 160
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Cool/Warm
V
F
I
F = 50 mA
V
3.8
4.4
Reverse Current
Cool/Warm
I
R
V
R = 5 V
μA
10
Luminous Flux
Cool
ΦV
I
F = 3 x 50 mA
mlm
32000
Warm
ΦV
I
F = 3 x 50 mA
mlm
30000
Luminous Intensity
Cool
I
V
I
F = 3 x 50 mA
mcd
7100
11000
Warm
I
V
I
F = 3 x 50 mA
mcd
7100
9500
Chromaticity
Coordinates
Cool
x
I
F = 3 x 50 mA
0.3100
Warm
y
sI
F = 3 x 50 mA
0.3200
50% Power Angle
Cool/Warm
2θ½
I
F = 3 x 50 mA
deg
120



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com