Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVBA Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLVBA
Description  PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLVBA Datasheet(HTML) 1 Page - Marktech Corporate

  CLVBA Datasheet HTML 1Page - Marktech Corporate CLVBA Datasheet HTML 2Page - Marktech Corporate CLVBA Datasheet HTML 3Page - Marktech Corporate CLVBA Datasheet HTML 4Page - Marktech Corporate CLVBA Datasheet HTML 5Page - Marktech Corporate CLVBA Datasheet HTML 6Page - Marktech Corporate CLVBA Datasheet HTML 7Page - Marktech Corporate CLVBA Datasheet HTML 8Page - Marktech Corporate CLVBA Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 SMD LED
CLVBA-FKA
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC4 package.
These high reliability and high
brightness LEDs are designed to work
in a wide range of environmental
conditions. A wide viewing angle
and high brightness makes these
LEDs suitable for indoor signage
applications.
FEATURES
• Size (mm):3.2 x 2.8
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
@IF=20mA
Red (224 - 560)
Green (280 - 900)
Blue (90 - 355)
• Viewing angle: 110 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLVBA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLVBA-FKA CREE-CLVBA-FKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CA1D181BB7D3D3 CREE-CLVBA-FKA-CA1D181BB7D3D3 Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CAEDH8BBB7a363 CREE-CLVBA-FKA-CAEDH8BBB7a363 Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CC1F1L1BB7D3D3 CREE-CLVBA-FKA-CC1F1L1BB7D3D3 Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
More results

Similar Description - CLVBA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com