Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1045 Datasheet(PDF) 1 Page - General Semiconductor

Part # MBRB1045
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBRB1045 Datasheet(HTML) 1 Page - General Semiconductor

  MBRB1045 Datasheet HTML 1Page - General Semiconductor MBRB1045 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRB1035 THRU MBRB1060
SCHOTTKY RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 10.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
♦ Metal silicon junction, majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability,
low forward voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ Guardring for overvoltage protection
♦ High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
MECHANICAL DATA
Case: JEDEC TO-263AB molded plastic body
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
MBRB1035
MBRB1045
MBRB1050
MBRB1060
UNITS
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum working peak reverse voltage
VRWM
35
45
50
60
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Maximum average forward rectified current
(SEE FIG. 1)
I(AV)
10.0
Amps
Peak repetitive forward current at TC=135°C
(square wave 20 KHZ)
IFRM
20.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150.0
Amps
Peak repetitive reverse surge current (NOTE 1)
IRRM
1.0
0.5
Amps
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Maximum instantaneous
IF=10A, TC=25°C
-
0.80
forward voltage at (NOTE 2)
IF=10A, TC=125°C
0.57
0.70
Volts
IF=20A, TC=25°C
VF
0.84
0.95
IF=20A, TC=125°C
0.72
0.85
Maximum instantaneous reverse current at rated
DC blocking voltage
TC= 25°C
IR
0.10
mA
(NOTE 2) TC=125°C
15.0
Maximum thermal resistance, junction to case
R
ΘJC
2.0
°C/W
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +175
°C
NOTES:
(1) 2.0
µs pulse width, f=1.0 KHZ
(2) Pulse test: 300
µs pulse width, 1% duty cycle
4/98
-T-
SEATING
PLATE
0.380 (9.65)
0.420 (10.67)
0.320 (8.13)
0.360 (9.14)
0.575 (14.60)
0.625 (15.88)
0.027 (0.686)
0.037 (0.940)
1
2
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.018 (0.46)
0.025 (0.64)
0.080 (2.03)
0.110 (2.79)
0.090 (2.29)
0.110 (2.79)
0.245 (6.22)
MIN
- HEATSINK
PIN 1
K
K
0.095 (2.41)
0.100 (2.54)
K
PIN 2
0.047 (1.19)
0.055 (1.40)
TO-263AB
Dimensions in inches and (millimeters)


Similar Part No. - MBRB1045

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBRB1045 GOOD-ARK-MBRB1045 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1045 IRF-MBRB1045 Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1045 VISHAY-MBRB1045 Datasheet
106Kb / 6P
Schottky Rectifier, 10 A
22-Aug-08
logo
ON Semiconductor
MBRB1045 ONSEMI-MBRB1045 Datasheet
83Kb / 6P
SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB1045 ONSEMI-MBRB1045 Datasheet
112Kb / 6P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
More results

Similar Description - MBRB1045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com