Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1645 Datasheet(PDF) 1 Page - General Semiconductor

Part # MBRF1645
Description  SCHOTTKY ISOLATED PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBRF1645 Datasheet(HTML) 1 Page - General Semiconductor

  MBRF1645 Datasheet HTML 1Page - General Semiconductor MBRF1645 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
2/18/99
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.676 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 2
12
PIN
DIA.
DIA.
MBRF1635 THRU MBRF1660
SCHOTTKY ISOLATED PLASTIC RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 16.0 Amperes
FEATURES
¨ Isolated plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
¨ Metal silicon junction
majority carrier conduction
¨ Low power loss, high efficiency
¨ High current capability, low forward voltage drop
¨ High surge capability
¨ Guardring for overvoltage protection
¨ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
¨ High temperature soldering guaranteed:
250¡C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: ITO-220AC fully overmolded plastic body
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 grams
Mounting Torque: 5 in. - lbs. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOLS
MBRF1635
MBRF1645
MBRF1650
MBRF1660
UNITS
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum working peak reverse voltage
VRWM
35
45
50
60
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Maximum average forward rectified current at TC=110¡C
I(AV)
16.0
Amps
Peak repetitive forward current at TC=110¡C
(rated VR, sq. wave,20 KHZ)
IFRM
32.0
Amps
Peak forward surge current,
8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
150.0
Amps
Peak repetitive reverse surge current (NOTE 1)
IRRM
1.0
0.5
Amps
Maximum instantaneous forward voltage at: (NOTE 2)
IF=16A, TC=25¡C
VF
0.63
0.75
Volts
IF=16A, TC=125¡C
0.57
0.65
Maximum instantaneous reverse current at
rated DC blocking voltage
TC= 25¡C
IR
0.2
1.0
(NOTE 2)
TC=125¡C
40.0
50.0
mA
Voltage rate of change (rated VR)
dv/dt
10,000
V/
ms
Maximum typical thermal resistance (NOTE 3)
RQJC
3.0
¡C/W
Operating junction temperature range
TJ
-65 to +150
¡C
Storage temperature range
TSTG
-65 to +175
¡C
RMS Isolation voltage from terminals to heatsink
4500 (NOTE 4)
with RH
£ 30%
VISOL
3500 (NOTE 5)
Volts
1500 (NOTE 6)
NOTES:
(1) 2.0
ms pulse width, f=1.0 KHZ
(2) Pulse test: 300
ms pulse width, 1% duty cycle
(3) Thermal resistance from junction to case per leg
(4) Clip mounting (on case), where lead does not overlap heatsink with 0.110Ó offset.
(5) Clip mounting (on case), where leads do overlap heatsink.
(6) Screw mounting with 4-40 screw, where washer diameter is
£ 4.9 mm (0.19Ó).
ITO-220AC
Dimensions in inches and (millimeters)


Similar Part No. - MBRF1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1645 GOOD-ARK-MBRF1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF1645 VISHAY-MBRF1645 Datasheet
487Kb / 5P
Schottky Barrier Rectifier
08-Nov-07
More results

Similar Description - MBRF1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1035 GE-MBRF1035 Datasheet
105Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1535CT GE-MBRF1535CT Datasheet
118Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2035CT GE-MBRF2035CT Datasheet
124Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2535CT GE-MBRF2535CT Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030 GE-SBLF1030 Datasheet
110Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030CT GE-SBLF1030CT Datasheet
113Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF2030CT GE-SBLF2030CT Datasheet
113Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF735 GE-MBRF735 Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MBRF760 KERSEMI-MBRF760 Datasheet
121Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com