Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMBD7000
Description  DUAL SMALL SIGNAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBD7000 Datasheet(HTML) 2 Page - General Semiconductor

  MMBD7000 Datasheet HTML 1Page - General Semiconductor MMBD7000 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBD7000
ELECTRICAL CHARACTERISTICS
SYMBOL
MIN.
MAX.
UNIT
Reverse Breakdown Voltage at IR=100
mAVBR
100
-
Volts
Leakage Current
at VR = 50 V
IR
-
1.0
mA
at VR = 100 V
IR
-
3.0
mA
at VR = 50 V, Tj = 125¡C
IR
-
100
mA
Forward Voltage
at IF = 1mA
VF
0.55
0.70
Volts
at IF = 10mA
VF
0.67
0.82
Volts
at IF = 100mA
VF
0.75
1.10
Volts
Capacitance
Ctot
-
1.5
pF
at VR = 0; f = 1MHZ
Reverse Recovery Time
from IF = 10mA to IR = 10 mA
trr
-
4.0
ns
measured at Irr = 1mA, RL = 100
W
Ratings at 25¡C ambient temperature unless otherwise specified (per diode).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com