Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

220AC-2000 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 220AC-2000
Description  Small size, light weight, heavy reverse power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

220AC-2000 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  220AC-2000 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 220AC-2000 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7.15
7.15
2
1C
6
4.6
2C
6
4.6
1C
5- 2.5
2C
(+)
(+)
4C
6
4.6
3C
7.15
6
4.6
4C
3C
7.15
(+)
(+)
43
2 model
1 model
Reference Data
40
35
30
25
25
15
75
8- 2.5
11- 2.5
14- 2.5
29
12.8
26
JQX-14FC & JQX-14FC (4124)
12
JQX-14FC
3
1A
SPSTNO
2A
DPSTNO
1C
SPDT(B-M)
2C
DPDT(B-M)
AgCdO
AgSnO
2
1A:16A/250VAC,30VDC;
1C:10A,16A,20A/250VAC,30VDC;
10A/14VDC(20A Application for 5mm Pole-distance)
2A,2C:5A,8A/220VAC, 30VDC;JQX-14FC ;2A:8A/220VAC;2C:6A/220VAC
3
Motor load:1HP 250VAC ; 1/2HP 125VAC
Lamp load:TV-5
600W 5000VA
110VDC 380VAC
Max. Switching Current:20A
50m
Item 4.12 of IEC 61810-7
5
10
Item 4.30 of IEC 61810-7
76
10
5
10 (JQX-14FC )
Item 4.31 of IEC 61810-7
3
2
1.5mm=3mm (JQX-14FC )
3
CC
12
0.53
15
10
03001003501
E174722
R50126370
CC
12
CC
12
CC
12
003-530
3
3.9
17
2.25
0.3
005-530
5
6.5
47
3.75
0.5
006-530
6
7.8
68
4.50
0.6
009-530
9
11.7
153
6.75
0.9
012-530
12
15.6
275
9.00
1.2
024-530
24
31.2
1100
18.0
2.4
76
JQX-14FC & JQX-14FC (4124)JQX-14FC
12
3
R
C
US
Dimensions
1.102max.
1.693
1.102max.
38
1.496
Inserting type
PCB type
Leading end shape diagram
0.197
0.098
0.059(0.079)
0.197
0.098
0.181
0.236
0.281
0.098
0.281
0.181
0.236
0.181 0.236
0.098
0.281
0.098
0.281
mm /inch
1.5(2)
Max.
28max.
Release
Time
ms
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
( 10%of rated
voltage )
Coil power
consumption
W
Operate
Time
ms
Rated
Max
Dash
numbers
Coil Power
W
Operate time
Coil temp. Rise
Contact current
A
Life expectancy
Contact switching capacity
Contact voltage V
AC Resistive
DC Resistive
Mechanical life
DC type
Mechanical life
AC type
Operate time
Release time
Features
Heavy load, suitable for heavy power reverse.
Small size, suitable for high-density mounting.
Up to 5000VAC dielectric strength. Between open contacts of JQX-14FC 3000VAC dielectric strength.
3
Contact gap of JQX-14FC :2
¡Á1.5mm=3mm.
3
Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JQX-14FC C
S
10 DC12V
0.8 3.5
1
1
2
3
4
5
6
7
1 Part number
JQX-14FC JQX-14FC JQX-14FC
123
2 Contact arrangement
A:1A
2A:2A
C:1C
2C:2C
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
3A,5A,6A,8A,10A,16A,20A
5 Coil rated voltage(V)
DC:3,5,6,9,12,15,24
AC:6,12,24,48,110,120,220
6 Coil power cunsumption
NIL:0.53W
0.8:0.8W
1:1VA 1.2:1.2W
7 Pole-distance
3.5:3.5mm
5:5.0mm
Contact Data
Contact Arrangement
Contact Material
Operation life
Contact Rating (resistive)
Contact gap
Max. Switching Power
Max. Switching Voltage
Contact Resistance or Voltage drop
Electrical
Mechanical
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
DC
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
Mounting (Bottom view)
Dimensions
Coil Power
W
06001015773
048-530
48
62.4
4350
36.0
4.8
Ningbo Huaguan Electronics Corporation LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com