Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 3Page - Texas Instruments ADS1610IPAPR Datasheet HTML 4Page - Texas Instruments ADS1610IPAPR Datasheet HTML 5Page - Texas Instruments ADS1610IPAPR Datasheet HTML 6Page - Texas Instruments ADS1610IPAPR Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
DRDY
SYNC
DOUT[15:0]
t
9
t
10
t
11
CLK
ValidData
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
Figure 3. Reset Timing
Timing Specifications(1)
DESCRIPTION
MIN
TYP MAX
UNIT
t1
CLK period (1/fCLK)
16.667
ns
1/t1 fCLK
1
60
MHz
t2
CLK pulse width, high or low
45%
55%
ns
t3
CLK to DRDY high (propagation delay)
12
ns
t4
DRDY pulse width, high or low
3 t1
ns
t5
Previous data valid (hold time)
0
ns
t6
New data valid (setup time)
5
ns
t7
RD and/or CS inactive (high) to DOUT high impedance
15
ns
t8
RD and/or CS active (low) to DOUT active
15
ns
t9
Delay from SYNC active (low) to all-zero DOUT[15:0]
12
ns
t10
Delay from SYNC inactive (high) to non-zero DOUT[15:0]
21
DRDY
t11
Delay from SYNC inactive (high )to valid DOUT[15:0] (time – 55 DRDY cycles; required for digital
55
DRDY
filter to settle).
(1)
Output load = 10pF|| 500k
Ω.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com