Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4KE550 Datasheet(PDF) 1 Page - General Semiconductor

Part # P4KE550
Description  TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

P4KE550 Datasheet(HTML) 1 Page - General Semiconductor

  P4KE550 Datasheet HTML 1Page - General Semiconductor P4KE550 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P4KE530 AND P4KE550
TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Steady State Power - 1Watt
Reverse Voltage - 530, 550 Volts
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Protects TOPSwitch®
♦ Glass Passivated Junction
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
♦ Exellent Clamping capability
♦ Available in unidirectional only
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic body over
passivated junction
Terminals: Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: The color band denotes the cathode, which is
positive with respect to the anode under normal TVS
operation
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
P4KE530
P4KE550
UNITS
Steady state power dissipation (NOTE 3)
PM(AV)
1.0
Watts
Peak pulse power dissipation (NOTE 1,2, FIG.1)
PPPM
Minimum 300
Watts
Minimum breakdown voltage at 100
µAV(BR)
530
550
Volts
Maximum clamping voltage at 300mA, 10/1000
µs-waveform
Vc
660
Volts
Stand-off voltage
VWM
477
495
Volts
Maximum DC reverse leakage current at VWM
ID
5.0
µA
Typical temperature coefficient of V(BR)
650
mV°C
Typical capacitance (NOTE 4)
at 0V
CJ
75
pF
at 200V
45
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Non-repetitive current pulse, per Fig.3 and derated above 25°C per - Fig. 2
(2) Peak pulse power waveform is 10/100
µS
(3) Lead temperature at 75°C=TL
(4) Measured at 1MHz
1/20/99
ADVANCED INFORMATION
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
Dimensions are in inches and (millimeters)
Available in uni-directional only
DO-204AL


Similar Part No. - P4KE550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE550 VISHAY-P4KE550 Datasheet
93Kb / 4P
TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
Leshan Radio Company
P4KE550 LRC-P4KE550 Datasheet
190Kb / 9P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Socay Electornics Co., ...
P4KE550 SOCAY-P4KE550 Datasheet
504Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE550

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZW04P-5V8 GE-BZW04P-5V8 Datasheet
55Kb / 4P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com