Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2G Datasheet(PDF) 1 Page - General Semiconductor

Part # RG2G
Description  GLASS PASSIVATED FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RG2G Datasheet(HTML) 1 Page - General Semiconductor

  RG2G Datasheet HTML 1Page - General Semiconductor RG2G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG2A THRU RG2M
GLASS PASSIVATED FAST SWITCHING RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Hermetically sealed package
♦ Glass passivated cavity-free junction
♦ 1.0 Ampere operation
at TA=55°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of
MIL-STD-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
350°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
RG2A
RG2B
RG2D
RG2G
RG2J
RG2K
RG2M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead lengths at TA=55°C
I(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
50.0
Amps
Maximum instantaneous forward voltage at 2.0A
VF
1.3
Volts
Maximum full load reverse current,
full cycle average 0.375” (9.5mm)
TA=25°C
IR(AV)
1.0
µA
lead length at
TA=100°C
100.0
Maximum DC reverse current
at rated DC blocking voltage
IR
5.0
µA
Maximum reverse recovery time (NOTE 1)
trr
150
200
250
500
ns
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measured with IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
4/98
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP


Similar Part No. - RG2G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RG2GE GULFSEMI-RG2GE Datasheet
87Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
More results

Similar Description - RG2G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5415 GE-1N5415 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
1N5615 GE-1N5615 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG1A GE-RG1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A GE-RG3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG4A GE-RG4A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP10 CHENG-YI-RGPP10 Datasheet
114Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com