Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2J Datasheet(PDF) 2 Page - General Semiconductor

Part # RG2J
Description  GLASS PASSIVATED FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RG2J Datasheet(HTML) 2 Page - General Semiconductor

  RG2J Datasheet HTML 1Page - General Semiconductor RG2J Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0
10
20
30
40
50
110
100
1
10
30
2.0
1.0
1.5
0.5
0
50
75
100
125
150
175
25
20
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2040
6080
100
0.01
0.1
1
10
20
RATINGS AND CHARACTERISTIC CURVES RG2A AND RG2M
FIG. 1 - FORWARD CURRENT DERATING CURVE
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
RESISTIVE OR
INDUCTIVE LOAD
TJ=25
°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p max.
AMBIENT TEMPERATURE,
°C
NUMBER OF CYCLES AT 60 HZ
REVERSE VOLTAGE, VOLTS
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENTAGE OF RATED PEAK REVERSE
VOLTAGE, %
TJ=TJ max.
8.3ms SINGLE HALF
SINE-WAVE (JEDEC Method)
TJ=125
°C
TJ=75
°C
TJ=25
°C
CAPACITANCE
LOAD
Ipk/IAV=
5.0
10
20
0.375" (9.5mm) LEAD LENGTH
Ipk/IAV=
π



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com