Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S Datasheet(PDF) 1 Page - General Semiconductor

Part # RMB2S
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RMB2S Datasheet(HTML) 1 Page - General Semiconductor

  RMB2S Datasheet HTML 1Page - General Semiconductor RMB2S Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB2S THRU RMB4S
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT
FAST RECOVERY BRIDGE RECTIFIER
Reverse Voltage - 200 to 400 Volts
Forward Current - 0.5 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL recognized under Component Index,
file number E54214
♦ Glass passivated chip junctions
♦ High surge overload rating: 35A peak
♦ Saves space on printed circuit boards
♦ Fast recovery, low loss switching
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.0078 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
RMB2S
RMB4S
UNITS
Device marking code
R2
R4
Maximum repetitive peak reverse voltage
VRRM
200
400
Volts
Maximum RMS voltage
VRMS
140
280
Volts
Maximum DC blocking voltage
VDC
200
400
Volts
Maximum average forward output rectified
current at TA=30°C
- on glass-epoxy P.C.B. (NOTE 1)
I(AV)
0.5
Amp
- on aluminum substrate (NOTE 2)
0.8
Peak forward surge current 8.3msec single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
30.0
Amps
Rating for fusing (t<8.3ms)
I2t
5.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 0.4A
VF
1.25
Volts
Maximum DC reverse current at
TA=25°C
5.0
rated DC blocking voltage per leg
TA=125°C
IR
100
Maximum reverse recovery time (NOTE 3)
trr
150
ns
Typical junction capacitance per leg (NOTE 4)
CJ
13.0
pF
Typical thermal resistance per leg
(NOTE 1)
R
ΘJA
85.0
(NOTE 2)
R
ΘJA
70.0
°C/W
(NOTE 1)
R
ΘJL
20.0
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
(2) On aluminum substrate P.C.B. with an area of 0.8 x 0.8" (2.0 x 2.0mm) mounted on 0.05 x 0.05” (1.3 x 1.3mm) solder pad
(3) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(4) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
0.029 (0.74)
0.017 (0.43)
0-8
o
0.049 (1.24)
0.039 (0.99)
0.062 (1.57)
0.058 (1.47)
0.016 (0.41)
0.006 (0.15)
0.018 (0.46)
0.014 (0.36)
0.008 (0.20)
0.004 (0.10)
0.117 (2.97)
0.107 (2.72)
0.058 (1.47)
0.054 (1.37)
0.252 (6.40)
0.272 (6.90)
0.106 (2.70)
0.090 (2.30)
0.0075 (0.19)
0.0065 (0.16)
0.105 (2.67)
0.095 (2.41)
0.195 (4.95)
0.179 (4.55)
0.144 (3.65)
0.161 (4.10)
0.205 (5.21)
0.195 (4.95)
4 (2.90)
4 (2.40)
0.038 (0.96)
0.019 (0.48)
Case Style MBS
Dimensions in inches and (millimeters)
PATENT PENDING
PATENT PENDING
PATENT PENDING
9/8/98


Similar Part No. - RMB2S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S Datasheet
174Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
GOOD-ARK Electronics
RMB2S GOOD-ARK-RMB2S Datasheet
140Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
Surface Mount Bridge Rectifiers
logo
EIC discrete Semiconduc...
RMB2S EIC-RMB2S Datasheet
43Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
More results

Similar Description - RMB2S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
EIC discrete Semiconduc...
RMB2S EIC-RMB2S Datasheet
43Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
MB2S VISHAY-MB2S_13 Datasheet
76Kb / 3P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
19-Aug-13
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
RMB2S VISHAY-RMB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com