Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD2LN60K3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STD2LN60K3
Description  N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2LN60K3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STD2LN60K3 Datasheet HTML 12Page - STMicroelectronics STD2LN60K3 Datasheet HTML 13Page - STMicroelectronics STD2LN60K3 Datasheet HTML 14Page - STMicroelectronics STD2LN60K3 Datasheet HTML 15Page - STMicroelectronics STD2LN60K3 Datasheet HTML 16Page - STMicroelectronics STD2LN60K3 Datasheet HTML 17Page - STMicroelectronics STD2LN60K3 Datasheet HTML 18Page - STMicroelectronics STD2LN60K3 Datasheet HTML 19Page - STMicroelectronics STD2LN60K3 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
STD2LN60K3, STF2LN60K3, STU2LN60K3
Revision history
Doc ID 023500 Rev 1
19/20
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
05-Jul-2012
1
First release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com