Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD65N3LLH5 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STD65N3LLH5
Description  N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N3LLH5 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STD65N3LLH5 Datasheet HTML 9Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 10Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 11Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 12Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 13Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 14Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 15Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 16Page - STMicroelectronics STD65N3LLH5 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STD65N3LLH5, STU65N3LLH5
16/17
Doc ID 17281 Rev 1
6
Revision history
Table 11.
Document revision history
Date
Revision
Changes
19-May-2011
1
First release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com