Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2435L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2435L-R
Description  The Right Products for Your System Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2435L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2435L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2435L-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
WWW.SKYWORKSINC.COM
SynThESIzErS
Table 14. dual and Single Fractional-n Synthesizers
Part
Phase Noise
Direct
I
DD
Package
Frequency Band (MHz)
Number
Function
(dBc/Hz)
Modulation
(mA)
(mm)
450
915
2400
SKY72300-21
Dual Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
TSSOP 9.7 x 6.4
•
•
SKY72300-362
Dual Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
QFN 4 x 4
•
•
SKY72301-22
Dual Frac-N Synthesizer
-96
FSK, FM, GMSK
11
TSSOP 9.7 x 6.4
•
•
SKY72310-362LF
Single Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
QFN 4 x 4
•
•
VOlTAgE COnTrOllEd OSCIllATOrS (VCOs)
Table 15. Voltage Controlled Oscillators (VCOs)
Part
Phase Noise
Direct
I
DD
Package
Frequency Band (MHz)
Number
Function
(dBc/Hz)
Modulation
(mA)
(mm)
450
915
2400
SKY73120
CMOS VCO
-110 @ 25 kHz Offset
0
26
MCM 6 x 6
•
SwITChES
Table 13. SPdT (SP2T), SP3T, and dPdT rF Switches
Part
Insertion
Isolation
P
1 dB
Input IP3
Package
Frequency Band (MHz)
Number
Function
Loss (dB)
(dB)
(dBm)
(dBm)
(mm)
450
915
2400
SKY13268-344LF
SPDT Switch, Low Loss
0.3
25
30
50
SOT-666 1.5 x 1.2
•
•
•
SKY13309-370LF
SP3T Switch, Low Loss
0.5
25
29
–
QFN 2 x 2
•
•
•
AS179-92LF
SPDT Switch, Low Loss
0.3
25
30
48
SC-88 2.2 x 2
•
•
•
SKY13270-92LF
SPDT Switch, Low Loss
0.35
24
>37
56
SC-88 2.1 x 2.0
•
•
•
AS193-73LF
SPDT Switch, Low Loss
0.35
24
37
55
SOT-6 2.8 x 2.9
•
•
•
SKY13348-374LF
SPDT Switch
0.6
27
37
52
DFN 1.5 x 1.5
•
•
•
SKY13370-374LF
SPDT Switch
0.7
31
39
55
DFN 1.5 x 1.5
•
•
•
SKY13299-321LF
SPDT Switch
0.3–0.75
30–22
39
57
QFN 3 x 3
•
•
•
SKY13318-321LF
DPDT Switch
0.95–1.15
22–15
34
57
QFN 3 x 3
•
•
•
Switches, Synthesizers, Voltage Controlled Oscillators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com