Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 2 Page - General Semiconductor

Part # S2D
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

S2D Datasheet(HTML) 2 Page - General Semiconductor

  S2D Datasheet HTML 1Page - General Semiconductor S2D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5
50
60
70
80
90 100 110 120 130 140 150
0
0.5
1.0
0
10
30
40
50
1
10
100
20
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
0.1
1
10
100
10
100
1
0
204060
80
100
0.01
0.1
1
10
RATINGS AND CHARACTERISTIC CURVES S2A THRU S2M
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TL=100°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
TJ=125°C
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ=100°C
60 HZ RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
0.27 x 0.27” (7.0 x 7.0mm)
COPPER PAD AREAS
60 HZ RESISTIVE OR
INDUCTIVE LOAD
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com