Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROTEUS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PROTEUS
Description  Fanless, stand-alone SBC Low power and high performance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PROTEUS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PROTEUS Datasheet HTML 1Page - List of Unclassifed Manufacturers PROTEUS Datasheet HTML 2Page - List of Unclassifed Manufacturers PROTEUS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
System Architecture
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PROCESSOR
Intel® Atom™ processor options
Z530 Processor 1.6GHz (2.3W)
Z510 Processor 1.1GHz (2W)
GRAPHICS/VIDEO
Ultra low power integrated 3D Graphics
2 x single-channel LVDS 24-bit interface to two connectors
1 x backlight connector
AUDIO
HD audio CODEC and 2W audio amplifier supporting;
mic in, line in, speakers out and headphones
MEMORY
Up to 1GB (400/533MHz) DDR2 SDRAM
4GB parallel ATA Flash on board (optional)
OPERATING ENVIRONMENTS
Microsoft® Windows® XP, XP Embedded
Wind River Linux 3.0
Specific RTOS support (call for details)
PHYSICAL/OTHER
155mm x 110mm
COM Express extended module mechanical footprint
Commercial temperature 0°C to +70°C
Power supply 8.5 to 24V DC (+12V nominal)
Atmel Trusted Platform Module Device, TCG v1.2 compatible
SMBUS interface
PERIPHERALS
4, 5 and 8 wire resistive touchscreen interface
USB 2.0 supporting low/full/high speed modes
2 x user accessible ports (Pin header, one client configurable)
2 x ports connected to PCI Express MiniCard socket
1 x port connected to board edge Type A connector
Gigabit Ethernet port supporting 10/100/1000baseT
Output to board edge RJ-45 connector
Supports 1 x serial ATA 300
1 x SATA connector
1 x power connector for 2.5” SATA drive
1 x serial port used for general purpose RS232 TX/RX port
1 x MicroSD socket
PCI EXPRESS
Chipset PCI Express interfaced to:
x1 PCI Express to PCIe MiniCard socket
x1 PCI Express switch to:
• x1 PCIe Gigabit Ethernet controller
• x1 PCIe serial ATA controller
• x1 PCIe MiniCard socket
MODULES (optional)
20-channel GPS receiver SirFStar III chipset module
Bluetooth or ZigBee wireless comms provided by onboard modules
TEST SUPPORT
JTAG interface (Intel XDP)
PROTEUS
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_PROTEUS_DS_02/2011
Intel® Atom™
stand-alone SBC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com