Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELIACELL10-20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RELIACELL10-20
Description  Global Cellular Support for: Ready to Deploy ??certified and carrier approved
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RELIACELL10-20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RELIACELL10-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers RELIACELL10-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
ETH_ReliaCELL_10-20_DS_EN_06/2014_Rev-04
2G GSM
2.5G CDMA
3G GSM
3G CDMA
4G LTE
Available 3Q14
Cellular
Technology
Quad-band
GSM/GPRS
CDMA/1x RTT
Penta-band
HSPA+,
Quad-band GSM/
EDGE
CDMA/EVDO
Rev A 1x RTT
700(B13)
AWS1700(B4)
UMTS/HSDP+
GPS/Glonass
Optional
N/A
Globally Optional
except Japan &
South Korea
Optional for
Verizon & Sprint
Only
Optional
Carrier
Approvals
N/A
Verizon, Sprint
AT&T, T-Mobile,
SKT, NttDocomo
Verizon, Sprint
Several
Carriers
Region
Europe
North America
*Global
North America
Europe &
North America
IP67 Ruggedized Cellular Adapter
ReliaCELL 10-20
Modules
Specifications
INTERFACES
1x USB Port
USB2.0 Type A Compatible for Cellular Only
USB3.0 Type A Cellular and Voice Capability (Contact Factory)
SIM
Dual microSIM, internal & field replaceable
ANTENNAS
Cellular
2 SMA (Main & Diversity if available)
GPS/Glonass
SMA (Optional) Not on all modules
POWER
5VDC
500mA Typical
PHYSICAL
Enclosure
Polycarbonate (3.56”x1.75”x.82”)
Mounting Panel
Mount- 4 M2.5 screws, metric
Operating temperature
-40° to +85°C
CERTIFICATIONS
IP67, PTCRB , FCC/IC/CE, SAE J1455, UL, TELEC
NOTE: Additional countries and carrier certifications to be added. If you have specific needs for a country not listed here, or if you
have carrier questions, please contact Eurotech.
*Dependent on carrier/country approvals



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com