Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5055A Datasheet(PDF) 6 Page - ams AG

Part # AS5055A
Description  Low Power 12-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5055A Datasheet(HTML) 6 Page - ams AG

Back Button AS5055A Datasheet HTML 2Page - ams AG AS5055A Datasheet HTML 3Page - ams AG AS5055A Datasheet HTML 4Page - ams AG AS5055A Datasheet HTML 5Page - ams AG AS5055A Datasheet HTML 6Page - ams AG AS5055A Datasheet HTML 7Page - ams AG AS5055A Datasheet HTML 8Page - ams AG AS5055A Datasheet HTML 9Page - ams AG AS5055A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-03] 2014-Jul-31
AS5055A − Electrical Characteristics
Operating Conditions
Figure 6:
Operating Conditions
System Parameters
Figure 7:
System Parameters
Symbol
Parameter
Conditions
Min
Max
Units
VDD
DC supply voltage
3.0
3.6
V
VDDp
Peripheral supply voltage
1.8
VDD
V
VIN
Input pin voltage
-0.3
VDDp +0.3
V
Tamb
Ambient operating
temperature
-40
85
°C
External components
Power supply filter, pin VDD
(see “Power Supply Filter”
on page 10)
2.2
4.7
μF
15
33
Ω
Ceramic capacitor, pin VDDp
to VSS
100
nF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Ion
Current consumption
Normal operating mode
8.5
mA
Ioff
Current consumption
Low power mode with activated
POR
(POR_OFF = 0x00) – default
setting
33
μA
Low power mode with
deactivated POR
(POR_OFF = 0x5A)
3μA
treadout
Readout rate
Time between READ ANGLE
command and INTERRUPT
500
μs
tPwrUp
Power up time
Minimum time after power up
before the sensor is operational
580
μs
Rd
Lateral displacement
range
Misalignment of the center of the
magnet to the center of the die
±0.5
mm
BZ
Magnetic input field
30
90
mT
BZ00
Magnetic input field
range
Gain = 00
58
90
mT
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com